Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRMA Datasheet(PDF) 3 Page - TT Electronics.

Part # LRMA
Description  Low thermal EMF version
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LRMA Datasheet(HTML) 3 Page - TT Electronics.

  LRMA Datasheet HTML 1Page - TT Electronics. LRMA Datasheet HTML 2Page - TT Electronics. LRMA Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
–
Low Resistance Metal Alloy Resistor
LRMA Series
Paper Tape
Bottom Tape
Packaging
Size Tape
A
B
W
F
E
P1
P2
P0
Φ
D0
t
Φ
A
Φ
B ΦC
Wr
Tr
0612,
1206
0805
2010
Paper
Paper
2
1.6
±0.15
2.8
±0.2
5.3
±0.2
12
±0.05
5.5
±0.05
1.75
±0.1
4.0
±0.1
2.0
±0.05
4.0
±0.05
0.85
±0.15
2.4
±0.2
8.0
±0.2
3.5
±0.05
1.75
±0.1
4.0
±0.1
2.0
±0.1
4.0
±0.1
0.84
±0.1
11.4
±1
.0
±0.15
3.6
±0.2
8.0
±0.2
3.5
±0.05
1.75
±0.1
4.0
±0.1
2.0
±0.05
4.0
±0.1
1.5
+0.1/-0
1.5
+0.1/-0
1.5
+0.1/-0
0.84
±0.1
178 ± 2
178 ± 2
178 ± 2
178 ± 2
178 ± 2
60 ±1 13 ±1 9 ±1
60 ±1 13 ±1 9 ±1
11.5
±1
0815 Emboss
Emboss
2.6
±0.2
4.5
±0.2
12
±0.2
5.5
±0.1
1.75
±0.1
4.0
+-0.1
2.0
±0.2
4.0
±0.1
1.55
±0.05
1.1
±0.1
60 ±1
60 ±1
13 ±1
13 ±1
13 ±1
13 ±1
15.4
±2
15.4
±2
2512 Emboss 3.6
±0.2
6.9
±0.2
12
±0.2
5.5
±0.05
1.75
±0.1
4.0
±0.1
2.0
±0.05
4.0
±0.05
1.5
+0.1/-0
0.85
±0.15
60 ±1 13 ±1 13 ±1 15.4
±2
Storage
Conditions: 5°C to 35°C and 40% to 75%RH
Shelf life: 2 years from manufacture
Processing
LRMA series resistors are suitable for both wave and IR reflow soldering. The recommended reflow profile for Pb-
free SAC305 alloy (Sn 96.5%, Ag 3%, Cu 0.5%) soldering is as follows:
Pre-heat: 60s to 120s at 150°C to 180°C
Soldering: 20s to 40s at ≥230°C
Peak: 5s at 250°C to 255°C
Ordering Procedure
Example: LRMA low thermal EMF version in 2512 size and at 10 milliohms and 1% tolerance packed in tape.
L R M A M 2 5 1 2
1R 0 1 F T 4
Type
Version
T
P
M
N
Size
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
J
5%
Packing
T5
0612, 0805, 1206
5000/reel
T4
Tape 0815
Note 1: For values which require 6 characters, e.g. R00075, the hyphen is omitted.
2010,
,
2512
4000/reel
Standard
Φ
C ΦB ΦA
Tr
Wr
Low Resistance
Metal Alloy Resistor
LRMA Series
07.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BI Technologies IRC Welwyn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com