Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRMAP3920C-R001 Datasheet(PDF) 3 Page - TT Electronics.

Part # LRMAP3920C-R001
Description  Standard power rating up to 5W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LRMAP3920C-R001 Datasheet(HTML) 3 Page - TT Electronics.

  LRMAP3920C-R001 Datasheet HTML 1Page - TT Electronics. LRMAP3920C-R001 Datasheet HTML 2Page - TT Electronics. LRMAP3920C-R001 Datasheet HTML 3Page - TT Electronics. LRMAP3920C-R001 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
All dimensions in mm
LRMAP3920
Type
L
±1.00
M
±1.00
N
+0.30/
-0.10
W
+0.30/
-0.05
E
±0.10
F
+0.10
D0
+0.10/
-0.0
D1
+0.10/
-0.0
P0
±0.10
P1
±0.10
P2
±0.10
P0x10
±0.20
t
+0.15/
-0.10
A0
+0.15/
-0.10
B0
±0.13
K0
±0.10
(B)-R001
(B)-R0007
(C)-R002
330
21.4
2.0
16.00
1.75
7.50
1.50
1.50
4.00
8.00
2.00
40.00
0.30
5.55
10.47
1.25
All remaining
values
2.20
B’
D0
P2
P0
B
P1
A0
SECTION A - A’
D1
SECTION B - B’
K0
B0
A
A’
Measurement
Processing
Packaging
Low Resistance Metal Alloy
Power Resistors
LRMAP3920
Make Possible
12.15
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
Resistance testing for the LRMAP3920 is performed on the underside of the copper contacts using the following method.
LRMAP3920 series resistors are suitable for IR reflow soldering. The recommended reflow profile for Pb-free soldering, for example using SAC387 alloy (Sn
95.5%, Ag 3.8%, Cu 0.7%), is as follows:
Pre-heat: 30s to 45s at 180°C
Soldering: 20s to 40s at 250°C
Peak: 260°C
LRMAP3920 resistors are packed in 16mm plastic tape, 3000 pieces per reel.
Measurement current
≥1.5mΩ: 1A
<1.5mΩ: 3A
Probe spacing along component length
8.80mm
Probe spacing across component width
2.44mm
Probe tip diameter
≤0.5mm
M
N
L
t



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com