Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRMAP3920C-R001 Datasheet(PDF) 4 Page - TT Electronics.

Part # LRMAP3920C-R001
Description  Standard power rating up to 5W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LRMAP3920C-R001 Datasheet(HTML) 4 Page - TT Electronics.

  LRMAP3920C-R001 Datasheet HTML 1Page - TT Electronics. LRMAP3920C-R001 Datasheet HTML 2Page - TT Electronics. LRMAP3920C-R001 Datasheet HTML 3Page - TT Electronics. LRMAP3920C-R001 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Low Resistance Metal Alloy
Power Resistors
LRMAP3920
Make Possible
12.15
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
Ordering Procedure
Example: LRMAP3920C-R0015FT (1.5 milliohms ±1%, Pb-free)
Low Resistance Metal Alloy Power Resistors
LRMAP3920 Series
www.ttelectronicsresistors.com
Ordering Procedure
Example: LRMAP3920C-R0015FT
(1.5 milliohms ±1%, Pb-free)
L R M A P 3
9
2
0 C
-
R 0
0
1
5
F T
1
2
3
4
5
1
2
3
4
5
Type
Alloy
Value
Tolerance
Packing
LRMAP3920
A
4 / 5 characters
T = Plastic tape
3000/reel
B
R = ohms
C
F = ±1%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com