Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIL-CHIP Datasheet(PDF) 2 Page - TT Electronics.

Part # MIL-CHIP
Description  Four industry standard sizes available
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MIL-CHIP Datasheet(HTML) 2 Page - TT Electronics.

  MIL-CHIP Datasheet HTML 1Page - TT Electronics. MIL-CHIP Datasheet HTML 2Page - TT Electronics. MIL-CHIP Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Precision Military and Space
Qualified Chip Resistors
MIL-CHIP Series
MIL-CHIP Series Issue March 2011 Sheet 2 of 3
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Precision Military Qualified
Chip Resistors
L
a
W
H
b
TOP
SIDE
BOTTOM
L
W
H
a
b
0402
0.040″ ±0.002
0.021″ ±0.002
0.012″ ±0.003
0.008″ ±0.002
0.010″ ±0.002
0603
0.063″ ±0.004
0.031″ ±0.004
0.020″ ±0.004
0.012″ ±0.005
0.015″ ±0.005
0805
0.081″ ±0.005
0.050″ ±0.005
0.020″ ±0.006
0.016″ ±0.008
0.016″ ±0.008
1206
0.126″ ±0.006
0.063″ ±0.005
0.024″ ±0.004
0.016″ ±0.008
0.016″ ±0.008
Physical Data
Make Possible
02.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
MIL-CHIP Series Issue March 2011 Sheet 3 of 3
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Environmental Data
Environmental Test
MIL-PRF-55342
MIL-PRF-55342
Characteristic H
Typical IRC ∆R
Thermal Shock
Low Temperature Operation
Short-time Overload
High Temperature Exposure
Resistance to Solder
Moisture Resistance
Life
Precision Military Qualified
Chip Resistors
MIL-PRF-55342 Ordering Data
D55342
H
07
B
1E00
S
Military Designator
M55342 for styles RM0402, RM0603, RM0705(0805), D55342 for style RM1206
Characteristic
E, H, K and M per MIL-PRF-55342
Specification Number
06 for style RM0705(0805); 07 for style RM1206
11 for Style RM0402, 12 for style RM0603
Termination
Termination B per MIL-PRF-55342
Resistance and Tolerance
Resistance and tolerance code per MIL-PRF-55342
Product Level Designator
Product level C, M, P, R, S and T per MIL-PRF-55342
Packaging
Standard order packaging is 8mm or 12mm tape per EIA 481. Conductive waffle pack packaging is also available.
For additional information or to discuss your specific requirements, please contact our Applications team using the contact details below.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com