Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIL-CHIP Datasheet(PDF) 3 Page - TT Electronics.

Part # MIL-CHIP
Description  Four industry standard sizes available
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MIL-CHIP Datasheet(HTML) 3 Page - TT Electronics.

  MIL-CHIP Datasheet HTML 1Page - TT Electronics. MIL-CHIP Datasheet HTML 2Page - TT Electronics. MIL-CHIP Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Precision Military and Space
Qualified Chip Resistors
MIL-CHIP Series
Make Possible
02.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
Ordering Procedure
Example: D55342H07B1E00S (Style RM1206, ±50ppm/°C, specification number 07, SnPb termination, 1kΩ, ±1%, failure rate 0.001%/1000 hours)
D
5
5
3
4
2
H
0
7
B
1
E
0
0
S
1
2
3
4
5
6
1
2
3
4
5
6
Military
Designator
Characteristic Specification Termination Value & Tolerance
Product Level
M55342
0402,
0603,
0805
E 25ppm/°C 11
0402
B
SnPb
4 character code.
Letter code marks
decimal position and
indicates multiplier
and tolerance - see
table below.
C
Non-ER
H 50 ppm/°C 12
0603
M
1%/1000hrs
K 100 ppm/°C 06
0805
P
0.1%/1000hrs
D55342 1206 M 300 ppm/°C 07
1206
R
0.01%/1000hrs
S 0.001%/1000hrs
T
Space level
Value &
Tolerance Code
Multiplier
x1
x 1000
x1000,000
Tolerance
0.1%
A
B
C
1%
D
E
F
2%
G
H
T
5%
J
K
L
10%
M
N
P



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com