Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM45 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM45
Description  SOT-23 Precision Centigrade Temperature Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM45 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM45 Datasheet HTML 1Page - National Semiconductor (TI) LM45 Datasheet HTML 2Page - National Semiconductor (TI) LM45 Datasheet HTML 3Page - National Semiconductor (TI) LM45 Datasheet HTML 4Page - National Semiconductor (TI) LM45 Datasheet HTML 5Page - National Semiconductor (TI) LM45 Datasheet HTML 6Page - National Semiconductor (TI) LM45 Datasheet HTML 7Page - National Semiconductor (TI) LM45 Datasheet HTML 8Page - National Semiconductor (TI) LM45 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Typical Applications
CAPACITIVE LOADS
Like most micropower circuits, the LM45 has a limited ability
to drive heavy capacitive loads. The LM45 by itself is able to
drive 500 pF without special precautions. If heavier loads are
anticipated, it is easy to isolate or decouple the load with a
resistor; see
Figure 4. Or you can improve the tolerance of
capacitance with a series R-C damper from output to
ground; see
Figure 5.
Any linear circuit connected to wires in a hostile environment
can have its performance affected adversely by intense elec-
tromagnetic sources such as relays, radio transmitters, mo-
tors with arcing brushes, SCR transients, etc, as its wiring
can act as a receiving antenna and its internal junctions can
act as rectifiers. For best results in such cases, a bypass ca-
pacitor from V
IN to ground and a series R-C damper such as
75
Ω in series with 0.2 or 1 µF from output to ground, as
shown in
Figure 5, are often useful.
DS011754-8
FIGURE 4. LM45 with Decoupling from Capacitive Load
DS011754-9
FIGURE 5. LM45 with R-C Damper
DS011754-12
FIGURE 6. Temperature Sensor,
Single Supply, −20˚C to +100˚C
DS011754-14
FIGURE 7. 4-to-20 mA Current Source (0˚C to +100˚C)
DS011754-15
FIGURE 8. Fahrenheit Thermometer
DS011754-16
FIGURE 9. Centigrade Thermometer (Analog Meter)
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com