Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM45 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM45
Description  SOT-23 Precision Centigrade Temperature Sensors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM45 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM45 Datasheet HTML 1Page - National Semiconductor (TI) LM45 Datasheet HTML 2Page - National Semiconductor (TI) LM45 Datasheet HTML 3Page - National Semiconductor (TI) LM45 Datasheet HTML 4Page - National Semiconductor (TI) LM45 Datasheet HTML 5Page - National Semiconductor (TI) LM45 Datasheet HTML 6Page - National Semiconductor (TI) LM45 Datasheet HTML 7Page - National Semiconductor (TI) LM45 Datasheet HTML 8Page - National Semiconductor (TI) LM45 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM45
SOT-23 Precision Centigrade Temperature Sensors
General Description
The LM45 series are precision integrated-circuit temperature
sensors, whose output voltage is linearly proportional to the
Celsius (Centigrade) temperature. The LM45 does not re-
quire any external calibration or trimming to provide accura-
cies of ±2˚C at room temperature and ±3˚C over a full −20 to
+100˚C temperature range. Low cost is assured by trimming
and calibration at the wafer level. The LM45’s low output im-
pedance, linear output, and precise inherent calibration
make interfacing to readout or control circuitry especially
easy. It can be used with a single power supply, or with plus
and minus supplies. As it draws only 120 µA from its supply,
it has very low self-heating, less than 0.2˚C in still air. The
LM45 is rated to operate over a −20˚ to +100˚C temperature
range.
Applications
n Battery Management
n FAX Machines
n Printers
n Portable Medical Instruments
n HVAC
n Power Supply Modules
n Disk Drives
n Computers
n Automotive
Features
n Calibrated directly in ˚ Celsius (Centigrade)
n Linear + 10.0 mV/˚C scale factor
n ±3˚C accuracy guaranteed
n Rated for full −20˚ to +100˚C range
n Suitable for remote applications
n Low cost due to wafer-level trimming
n Operates from 4.0V to 10V
n Less than 120 µA current drain
n Low self-heating, 0.20˚C in still air
n Nonlinearity only ±0.8˚C max over temp
n Low impedance output, 20
Ω for 1 mA load
Connection Diagram
SOT-23
Order
Device
Number
Marking
Supplied As
LM45BIM3
T4B
1000 Units on Tape and Reel
LM45BIM3X
T4B
3000 Units on Tape and Reel
LM45CIM3
T4C
1000 Units on Tape and Reel
LM45CIM3X
T4C
3000 Units on Tape and Reel
Typical Applications
SOT-23
DS011754-1
Top View
See NS Package Number MA03B
DS011754-3
FIGURE 1. Basic Centigrade Temperature
Sensor (+2.5˚C to +100˚C)
DS011754-4
Choose R1 = −VS/50 µA
VOUT= (10 mV/˚C x Temp ˚C)
VOUT = +1,000 mV at +100˚C
= +250 mV at +25˚C
= −200 mV at −20˚C
FIGURE 2. Full-Range Centigrade
Temperature Sensor (−20˚C to +100˚C)
July 1999
© 1999 National Semiconductor Corporation
DS011754
www.national.com


Similar Part No. - LM45

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM45 NSC-LM45 Datasheet
650Kb / 11P
SOT-23 Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM45 TI-LM45 Datasheet
918Kb / 18P
SOT-23 Precision Centigrade Temperature Sensors8
LM45 TI2-LM45 Datasheet
604Kb / 20P
LM45 SOT-23 Precision Centigrade Temperature Sensors
REVISED FEBRUARY 2013
logo
National Semiconductor ...
LM4500A NSC-LM4500A Datasheet
252Kb / 7P
LM4500A High Fidelity FM Stereo Demodulator with Blend
LM4500AN NSC-LM4500AN Datasheet
252Kb / 7P
LM4500A High Fidelity FM Stereo Demodulator with Blend
More results

Similar Description - LM45

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM45B NSC-LM45B Datasheet
195Kb / 8P
SOT-23 Precision Centigrade Temperature Sensors
LM35 NSC-LM35 Datasheet
306Kb / 13P
Precision Centigrade Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
Precision Centigrade Temperature Sensors
LM45 NSC-LM45_05 Datasheet
650Kb / 11P
SOT-23 Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35DZ_NOPB TI1-LM35DZ_NOPB Datasheet
1Mb / 25P
LM35 Precision Centigrade Temperature Sensors
LM45 TI-LM45_15 Datasheet
918Kb / 18P
SOT-23 Precision Centigrade Temperature Sensors8
LM50 TI-LM50_15 Datasheet
830Kb / 15P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
Precision Centigrade Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com