Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPH2G331MND3045 Datasheet(PDF) 2 Page - Surge Components

Part # SPH2G331MND3045
Description  The capacitor can be inserted into the PCB board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components

SPH2G331MND3045 Datasheet(HTML) 2 Page - Surge Components

  SPH2G331MND3045 Datasheet HTML 1Page - Surge Components SPH2G331MND3045 Datasheet HTML 2Page - Surge Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPH Series
Case size & Permissible rated ripple current (mA rms) 120Hz / 105℃:
Vdc
400
Vdc
450
ФD
Ф 22
Ф 25
Ф30
Ф35
ФD
Ф 22
Ф 25
Ф30
Ф35
uF
ФD×L
RC
ФD×L
RC
ФD×L
RC
ФD×L
RC
uF
ФD×L
RC
ФD×L
RC
ФD×L
RC
ФD×L
RC
82
22×30
580
82
22×35
670
25×30
650
30×25
620
100
22×30
640
25×25
640
100
22×40
780
25×35
760
30×25
690
120
22×35
670
25×30
690
30×25
730
120
22×45
900
25×40
890
30×30
810
35×25
720
150
22×40
770
25×35
780
30×30
760
150
25×45
1040
30×35
970
35×30
860
180
22×45
920
25×40
810
30×30
820
35×25
900
180
25×50
1200
30×40
1120
35×35
1000
220
25×45
930
30×35
910
35×30
1080
220
30×45
1300
35×35
1100
270
25×50
1210
30×40
1100
35×35
1120
270
30×50
1510
35×45
1360
330
30×45
1390
35×35
1180
330
35×50
1580
390
30×50
1550
35×40
1270
390
470
35×45
1620
470
560
35×50
1720
560
RIPPLE CURRENT MULTIPLIERS
Frequency Multipliers
Vdc
Frequency (Hz)
50/60
120
1K
10K
100K
400 ~ 450
0.70
1.00
1.10
1.12
1.15
ALUMINUM ELECTROLYTIC CAPACITORS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com