Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPH2G331MND3045 Datasheet(PDF) 1 Page - Surge Components

Part # SPH2G331MND3045
Description  The capacitor can be inserted into the PCB board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SURGE [Surge Components]
Direct Link  http://www.surgecomponents.com
Logo SURGE - Surge Components

SPH2G331MND3045 Datasheet(HTML) 1 Page - Surge Components

  SPH2G331MND3045 Datasheet HTML 1Page - Surge Components SPH2G331MND3045 Datasheet HTML 2Page - Surge Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATIONS
Item
Performance Characteristics
Category Temperature Range
-25 ~ +105℃
Working Voltage Range
400 ~ 450Vdc
Capacitance Range
82 ~560
μF
Capacitance Tolerance
±20%
(at 25℃ and 120Hz)
Dissipation Factor
(tanδ)
(at 25℃, 120Hz)
The above value should be increased by 0.02 for every additional 1000uF
Rated Voltage (V)
400
450
tanδ(Max)
0.25
0.25
Leakage Current
I=0.02CV or 3000
μA,whichever is smaller
I : Leakage current (μA) C : Rated capacitance (μF) V : Rated voltage (V)
Impress the rated voltage for 5 minutes.
Endurance
The following requirements shall be satisfied when the capacitor are restored to 25℃ after the rated voltage applied
for 2,000 hours (1,000 hours for WV ≦ 100V) at 105℃.
Capacitance change
≦ ±20% of the initial value
Dissipation factor(tanδ)
≦ 200% of the specified value
Leakage current
≦ specified value
Shelf Life
The following requirements shall be satisfied when the capacitor are restored to 25℃ after exposing them for 1,000
hours at 105℃ without voltage applied.
Capacitance change
≦ ±20% of the initial value
Dissipation factor(tanδ)
≦ 200% of the specified value
Leakage current
≦ 200% of the specified value
Others
Conforms to JIS-C-5101-4 (1998), characteristic W.
DIMENSIONS (mm)
Terminal Code : ND : Standard
Terminal Code :K6 (ø35)
L+2 Max
4.0¡ À
0.5
Sleeve
Safety vent
PC board Pin-out
2-
2
Negative mark
-
+
L+2 Max
Vent
Sleeve
60¡
ã
60¡
ã
4- 2
PC board pin-out
Terminal B=positive
Terminal A&C=blank
6.3±1.0
*A
B
*C
-
PART NUMBERING SYSTEM( Example : 400V 330µF )
SPH Series
 The capacitor can be inserted into the PCB board.
 High ripple current and frame retardant type capacitor.
 Load life 2,000 hours at 105 ℃
Special Request
Size code(3045 : 30×45)
Terminal length code
Lead forming Type code
Capacitance tolerance code(M:±20%)
Capacitance code(330
μF)
Voltage code(400V)
Series code (SPH)
P
H
2
3
1
3
G
M N
D
3
0
4
5
S
ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - SPH2G331MND3045

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SPH2-60-UA ADAM-TECH-SPH2-60-UA Datasheet
257Kb / 1P
0.8mm SUB-MICRO HEADERS 1.00mm MICRO HEADERS
SPH2-60-UA-SMT ADAM-TECH-SPH2-60-UA-SMT Datasheet
257Kb / 1P
0.8mm SUB-MICRO HEADERS 1.00mm MICRO HEADERS
SPH2-U-091-SMT-P-SPH ADAM-TECH-SPH2-U-091-SMT-P-SPH Datasheet
85Kb / 1P
DUAL ROW SUB-MICRO PIN HEADER
SPH2-XX-SG-SMT ADAM-TECH-SPH2-XX-SG-SMT Datasheet
82Kb / 1P
909 Rahway Avenue
SPH2-XX-T-SMT-PP-TR ADAM-TECH-SPH2-XX-T-SMT-PP-TR Datasheet
88Kb / 1P
909 Rahway Avenue
More results

Similar Description - SPH2G331MND3045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1691 STMICROELECTRONICS-UM1691 Datasheet
1Mb / 41P
The EVAL6470H-DISC can be used together
17-Apr-2015
UM1692 STMICROELECTRONICS-UM1692 Datasheet
2Mb / 42P
The EVAL6472H-DISC can be used together
17-Apr-2015
logo
Nanjing International G...
AZ431 DGNJDZ-AZ431 Datasheet
392Kb / 4P
The output voltage can be adjusted to 36V
logo
TE Connectivity Ltd
408-8639 TEC-408-8639 Datasheet
28Kb / 1P
Push the tool into the contact cavity on the locking lance side of the connector
logo
Tyco Electronics
408-10266 MACOM-408-10266 Datasheet
373Kb / 6P
Insert the shank of the nest into the yoke and tighten the set screw.
logo
PHOENIX CONTACT
TSD-08-SAC PHOENIX-TSD-08-SAC Datasheet
52Kb / 2P
For the TSD-M... torque screwdrivers, the torque can be custom-set
1705452 PHOENIX-1705452 Datasheet
49Kb / 1P
Coding profile, inserted into the hole on the plug, made from red insulating material, diameter: 1.35 mm
2700630 PHOENIX-2700630 Datasheet
73Kb / 3P
It can be used to integrate a lower-level PROFIBUS system into the Inline station and therefore into the bus system used.
logo
Shanghai Leiditech Elec...
LCE431 LEIDITECH-LCE431 Datasheet
1Mb / 5P
The output voltage can be adjusted to 36V
logo
Ultralife Corporation.
UBBP01 ULTRALIFE-UBBP01 Datasheet
456Kb / 2P
Can be assembled into packs
Rev: L
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com