Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356 Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # 2SC3356
Description  Low Noise and High Gain
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

2SC3356 Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  2SC3356 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 2SC3356 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 2SC3356 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 2SC3356 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20120703
2SC3356
DESCRIPTION
The
2SC3356 is an NPN silicon epitaxial transistor designed for
low noise amplifier at VHF, UHF and CATV band.
It has dynamic range and good current characteristic.
FEATURES
• Low Noise and High Gain
NF = 1.1 dB TYP., Ga = 11 dB TYP. @VCE = 10 V, IC = 7 mA, f = 1.0 GHz
• High Power Gain
MAG = 13 dB TYP. @VCE = 10 V, IC = 20 mA, f = 1.0 GHz
ABSOLUTE MAXIMUM RATINGS (TA = 25
C)
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
100
mA
Total Power Dissipation
PT
200
mW
Junction Temperature
Tj
150
C
Storage Temperature
Tstg
55 to +150
C
ELECTRICAL CHARACTERISTICS (TA = 25
C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
1.0
AVCB = 10 V, IE = 0
Emitter Cutoff Current
IEBO
1.0
AVEB = 1.0 V, IC = 0
DC Current Gain
hFE
82
170
270
VCE = 10 V, IC = 20 mA
Gain Bandwidth Product
fT
7
GHz
VCE = 10 V, IC = 20 mA
Feed-Back Capacitance
Cre**
0.55
1.0
pF
VCB = 10 V, IE = 0, f = 1.0 MHz
Insertion Power Gain
S21e2
11.5
dB
VCE = 10 V, IC = 20 mA, f = 1.0 GHz
Noise Figure
NF
1.1
2.0
dB
VCE = 10 V, IC = 7 mA, f = 1.0 GHz
*
Pulse Measurement PW
 350 s, Duty Cycle  2 %
** The emitter terminal and the case shall be connected to the guard terminal of the three-terminal capacitance bridge.
Marking
2SC3356
R24
SOT–23 (TO–236AB)
1
2
3
H


Similar Part No. - 2SC3356

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
logo
Unisonic Technologies
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Guangdong Kexin Industr...
2SC3356 KEXIN-2SC3356 Datasheet
39Kb / 1P
NPN Silicon Epitaxial Transistor
logo
SeCoS Halbleitertechnol...
2SC3356 SECOS-2SC3356 Datasheet
251Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
logo
Weitron Technology
2SC3356 WEITRON-2SC3356 Datasheet
430Kb / 3P
High-Frequency Amplifier Transistor NPN Silicon
More results

Similar Description - 2SC3356

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA428 INFINEON-BGA428_07 Datasheet
399Kb / 11P
Gain and PCS Low Noise Amplifier
Rev. 2.2, November 2007
logo
Advanced Semiconductor ...
ASL19D ASB-ASL19D Datasheet
430Kb / 6P
High Gain, Low Noise Amplifier
October 2010
ASL54T8 ASB-ASL54T8 Datasheet
498Kb / 13P
High Gain, Low Noise Amplifier
June 2014
ASL5463 ASB-ASL5463 Datasheet
440Kb / 10P
High Gain, Low Noise Amplifier
June 2014
logo
List of Unclassifed Man...
ANT-GPS-UC-SMA ETC2-ANT-GPS-UC-SMA Datasheet
222Kb / 1P
High-gain, low-noise design
logo
Inchange Semiconductor ...
2SC3582 ISC-2SC3582 Datasheet
310Kb / 6P
Low Noise and High Gain
2SC3585 ISC-2SC3585 Datasheet
308Kb / 6P
Low Noise and High Gain
2SC3583 ISC-2SC3583 Datasheet
300Kb / 6P
Low Noise and High Gain
2SC4227 ISC-2SC4227 Datasheet
172Kb / 8P
Low Noise, High Gain
2SC5064 ISC-2SC5064 Datasheet
326Kb / 7P
Low Noise and High Gain
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com