Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BASA Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # BASA
Description  SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BASA Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  BASA Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BASA Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BASA Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.03 20120305
BAS70/A/C/S
SCHOTTKY DIODE
FEATURES
•
Low Turn-on voltage
•
Fast switching
•
Ultra-small surface mount package
•
Also available in lead free version
•
High temperature soldering : 260OC / 10 seconds at terminals
•
Pb free product at available : 99% Sn above meet RoHS
environment substance directive request
MAXIMUM RATINGS* TA=25℃ unless otherwise noted
Symbol
Parameter
Value
Units
VR
DC Voltage
70
V
IF
Forward Continuous Current
70
mA
Pd
Power dissipation
200
mW
TJ, Tstg
Junction Operating and Storage Temperature
-55~+150
℃
ELECTRICAL CHARACTERISTICS(Tamb=25℃ unless otherwise specified)
Parameter
Symbol
Test conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR) R
IR= 10µA
70
V
Reverse voltage leakage current
IR
VR=50V
100
nA
Forward voltage
VF
IF=1mA
IF=15mA
410
1000
mV
Diode capacitance
CD
VR=0V f=1MHz
2
pF
Reveres recovery time
trr
IF=IR=10mA,Irr=0.1xIR,
RL=100Ω
5
nS
SOT23
Unit:inch(mm)
BAS70 Marking: 73
BAS70S Marking: 74
BAS70C Marking: 75
BAS70A Marking: 76
Min
Max
Min
Max
A
0.900
1.150
0.035
0.045
A1
0.000
0.100
0.000
0.004
A2
0.900
1.050
0.035
0.041
b
0.300
0.500
0.012
0.020
c
0.080
0.150
0.003
0.006
D
2.800
3.000
0.110
0.118
E
1.200
1.400
0.047
0.055
E1
2.250
2.550
0.089
0.100
e
e1
1.800
2.000
0.071
0.079
L
L1
0.300
0.500
0.012
0.020
θ
0°
8°
0°
6°
0.550 REF
0.022 REF
Symbol
Dimensions In Inches
Dimensions In Millimeters
0.950 TYP
0.037 TYP
H


Similar Part No. - BASA

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
BAS PAIRUI-BAS Datasheet
543Kb / 4P
DC-DC Converter
logo
Isabellenhütte Heu...
BAS ISABELLENHUETTE-BAS Datasheet
520Kb / 3P
PRECISION RESISTORS
logo
Honeywell Solid State E...
BAS HONEYWELL-BAS Datasheet
597Kb / 5P
Battery Safety Aerosol Sensors CAN Communication Output
12/22
logo
Nanjing International G...
BAS-04 DGNJDZ-BAS-04 Datasheet
824Kb / 2P
Low Forward Voltage
BAS-04 DGNJDZ-BAS-04 Datasheet
93Kb / 2P
Low turn-on voltage
More results

Similar Description - BASA

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
SCHOTTKY DIODE
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
SCHOTTKY DIODE
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
Schottky Diode
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
Schottky Diode
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com