Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BASA Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # BASA
Description  SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BASA Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  BASA Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BASA Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BASA Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.yeashin.com
2
REV.03 20120305
BAS70/A/C/S
DEVICE CHARACTERISTICS
2.5
2.0
1.5
1.0
0.5
0
0
10
20
30
40
Fig.3 Typical Capacitance.
REVERSE VOLTAGE: V
R
(V)
f=1MHz Tamb=25
OC
Fig.4-
, C
O
240
200
160
120
80
40
0
T ,Ambient Temperature
A
150 175
125
100
75
25
50
Power Derating Curve,Total Package
f=1.0MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com