Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFC-HTD Datasheet(PDF) 1 Page - TT Electronics.

Part # PFC-HTD
Description  Gold and 100% matte tin terminations available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PFC-HTD Datasheet(HTML) 1 Page - TT Electronics.

  PFC-HTD Datasheet HTML 1Page - TT Electronics. PFC-HTD Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Temperature TaNFilm®
Surface Mount Voltage Divider
PFC HT Divider Series
Popular 1206 Chip Size
100Ωto25KΩperresistor
Operatingtemperatureto200°C
Goldand100%mattetinterminationsavailable
TaNFilm®elementprovidesexcellentstabilityinharshenvironments
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
High Temperature TaNFilm®
Surface Mount Voltage Divider
• Popular 1206 Chip Size
• 100
Ω to 25KΩ per resistor
• Operating temperature to 200°C
• Gold and 100% matte tin terminations available
• TaNFilm® element provides excellent stability in harsh environments
PFC HT Divider Series
Electrical Data
Characteristic
Each
Resistor
Total
Resistance
Resistance Range
100 - 25K
Ω
50K
Ω
Power Rating
100mW
125mW
Absolute TCR
to ±25ppm/°C
Tracking TCR
to ±5ppm/°C
Maximum Voltage Rating
100 volts
Operating Temperature Range
-65°C to +200°C
Noise
Less than -25 db
Termination
Wire/epoxy bondable gold or 100% matte tin (Pb-free)
Environmental Data
Environmental Test
MIL-PRF-55342
Maximum
∆R
Maximum
∆Ratio
Thermal Shock
±0.10%
±0.01%
Short Time Overload
±0.05%
±0.01%
High Temperature Exposure
±0.10%
±0.02%
Effects of Solder
±0.10%
±0.02%
Moisture Resistance
±0.10%
±0.05%
Life:
1000 hours 200°C, no load
±1.0%
±0.10%
Life:
1000 hours, 150°C, rated power
±0.5%
±0.05%
100
50
50
100
150
200
Temperature in °C
Power Derating Curve
PFC HT Divider Series Issue January 2009 Sheet 1 of 2
Resistors
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)


Similar Part No. - PFC-HTD

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PFC-HT TTELEC-PFC-HT Datasheet
668Kb / 2P
Available in industry standard 0603
More results

Similar Description - PFC-HTD

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
PFC-W0402RJ-01-1001-J IRCTT-PFC-W0402RJ-01-1001-J Datasheet
400Kb / 4P
Gold Terminations Precision Thin Film Chip Resistors
logo
American Accurate Compo...
CTG201003ULM AAC-CTG201003ULM Datasheet
200Kb / 3P
Chip Resistors - Tin / Gold Terminations Available
logo
Kemet Corporation
R463N31500001M KEMET-R463N31500001M Datasheet
1Mb / 18P
RoHS Compliant and lead-free terminations
logo
TE Connectivity Ltd
RN73 TEC-RN73 Datasheet
302Kb / 8P
electroplated 100% matte
logo
TT Electronics.
QDN001 TTELEC-QDN001 Datasheet
405Kb / 2P
rohs compliant and sn/pb terminations available
QDN003 TTELEC-QDN003 Datasheet
445Kb / 2P
RoHS compliant and Sn/Pb terminations available
QSOP TTELEC-QSOP Datasheet
442Kb / 4P
RoHS compliant and Sn/Pb terminations available
logo
M/A-COM Technology Solu...
M21262-12 MA-COM-M21262-12 Datasheet
1Mb / 73P
Integrated loop filter and terminations
logo
Molex Electronics Ltd.
2042261001 MOLEX1-2042261001 Datasheet
37Kb / 1P
Squba Plug Terminal, Matte Tin Plating, 22-24 AWG
logo
Shanghai Leiditech Elec...
ESDA05CPL LEIDITECH-ESDA05CPL Datasheet
1,014Kb / 5P
Matte Tin Lead finish (Pb-Free)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com