Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFC-HTD Datasheet(PDF) 2 Page - TT Electronics.

Part # PFC-HTD
Description  Gold and 100% matte tin terminations available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PFC-HTD Datasheet(HTML) 2 Page - TT Electronics.

  PFC-HTD Datasheet HTML 1Page - TT Electronics. PFC-HTD Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Temperature TaNFilm®
Surface Mount Voltage Divider
PFC HT Divider Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
High Temperature TaNFilm®
Surface Mount Voltage Divider
Packaging Data
PACKAGING ON 8mm TAPE
USER DIRECTION OF FEED
Recommended Solder Pad
Physical Data
Top
Side
Bottom
0.035"
0.0315"
0.058"
0.0895"
0.0725"
0.180"
0.050"
0.0225”
0.015±0.005
""
0.030" min
0.058" ±.005”
0.010" ±0.004”
0.027" ±0.003”
0.126 ±0.006
"
”
0.015 ±0.005
"
”
0.024 ±0.004
""
Dimensions are in inches
Prefix
PFC - D1206HT - 03 - 1002 - 1001 - F
B
Model
D1206HT - Divider network with Gold termination
D1206HTLF - Divider network with 100% tin Pb-free termination
TCR Code
01 = ±100ppm/°C; 02 = ±50ppm/°C; 03 = ±25ppm/°C
R1 Resistance Code
Standard 4-Digit resistance code.
Ex: 1002 = 10K
Ω; 1000 = 100Ω
R2 Resistance Code
Standard 4-Digit resistance code
Absolute Tolerance
F = ±1%
Ratio Tolerance
F = ±1%; D = ±0.5%; B = ±0.1%
Ordering Data
PFC HT Divider Series Issue January 2009 Sheet 2 of 2
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com