Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS Datasheet(PDF) 1 Page - TT Electronics.

Part # PTS
Description  High stability thin film Platinum sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PTS Datasheet(HTML) 1 Page - TT Electronics.

  PTS Datasheet HTML 1Page - TT Electronics. PTS Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Platinum Temperature
Sensor Chip 
PTS Series
HighstabilitythinfilmPlatinumsensor
Highresolution,accuracyandinterchangeability
Compatiblewithautomaticplacementequipment
Widetemperaturerange-veryfastresponsetime
SurfacemountpackagewithPb-freeterminations
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
PTS Series Issue September 2009 Sheet 1 of 2
Platinum Temperature
Sensor Chip
PTS Series
• High stability thin film Platinum sensor
• High resolution, accuracy and interchangeability
• Compatible with automatic placement equipment
• Wide temperature range - very fast response time
• Surface mount package with Pb-free terminations
Electrical Data
Self Heating at 0°C
P0603
P0805
P1206
0.8°C/mW
0.8°C/mW
0.4°C/mW
Available Resistances at 0°C
1000
Ω
100
Ω, 1000Ω
Temperature
Tolerances
Class B = ±0.3°C @ 0°C (R
0 ±0.12%)
Class 2B = ±0.6°C @ 0°C (R
0 ±0.24%)
Operating Temperature Range
-55°C to +130°C
(-55°C to +150°C if board CTE is 6-8ppm/°C)
Temperature Coefficient
+3850 ppm/°C per IEC751
Insulation Resistance
100M
Ω minimum at 20°C
Recommended Measuring Current To
Minimize Self Heating Error
100
Ω ≤1mA
1000
Ω ≤0.3mA
Long Term Stability (130°C)
<0.06% at 250hrs
<0.06% at 1000hrs
Termination
100% Sn over Ni Barrier
(minimum 5mm Ni thickness)
* Temperature coefficient in accordance with IEC751
The temperature sensor is a conventional thin film platinum RTD in a surface
mount package designed for temperature sensing, over-temperature protection and temperature compensation
in any application where printed circuit board temperature sensing is desired.
Performance Data
Settling Response Time
P0603
P0805
P1206
Rapidly Stirred Oil
<0.2s
(t
0.5)
<0.6s
(t
0.9)
<0.1s
(t
0.5)
<0.4s
(t
0.9)
<0.1s
(t
0.5)
<0.4s
(t
0.9)
Air @ 1m/s
<3.5s
(t
0.5)
<10s
(t
0.9)
<2.5s
(t
0.5)
<8s
(t
0.9)
<2.5s
(t
0.5)
<8s
(t
0.9)
Resistors
Make Possible
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - PTS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTS BOURNS-PTS Datasheet
459Kb / 6P
High Grade Slide Potentiometer
logo
Vishay Siliconix
PTS VISHAY-PTS Datasheet
110Kb / 6P
Platinum SMD Flat Chip Temperature Sensor
08-Dec-15
PTS VISHAY-PTS Datasheet
120Kb / 6P
Temperature Dependent Platinum Thin Film Chip Resistor (RTD)
12-Feb-2019
PTS VISHAY-PTS Datasheet
103Kb / 6P
Platinum SMD Flat Chip Temperature Sensor
28-Sep-15
logo
PANDUIT CORP.
PTS PANDUIT-PTS Datasheet
4Mb / 16P
Heavy Duty Cable Management Solutions
5/2017
More results

Similar Description - PTS

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRW5SN OSRAM-LRW5SN Datasheet
618Kb / 17P
Platinum DRAGON Enhanced thin film LED
logo
RCD COMPONENTS INC.
PTF2L-1000-ABW RCD-PTF2L-1000-ABW Datasheet
52Kb / 1P
THIN-FILM PLATINUM TEMPERATURE SENSOR
logo
KOA Speer Electronics, ...
SDT73H2BTTE100F385 KOA-SDT73H2BTTE100F385 Datasheet
236Kb / 2P
platinum thin film thermal chip sensors
SDT101AXCT26A100DF KOA-SDT101AXCT26A100DF Datasheet
243Kb / 2P
platinum thin film thermal sensors
logo
Vishay Siliconix
TNPW12061K32DETA VISHAY-TNPW12061K32DETA Datasheet
111Kb / 8P
High Stability Thin Film Chip Resistor
06-Jul-06
TNPWE3 VISHAY-TNPWE3 Datasheet
143Kb / 11P
High Stability Thin Film Flat Chip Resistors
27-Feb-15
logo
TT Electronics.
RTD TTELEC-RTD Datasheet
543Kb / 2P
High stability Platinum based sensor
logo
Vishay Siliconix
TNPWE3 VISHAY-TNPWE3_V01 Datasheet
186Kb / 13P
High Stability Thin Film Flat Chip Resistors
21-Feb-2020
logo
TE Connectivity Ltd
PTF TEC-PTF Datasheet
350Kb / 8P
Platinum Thin Film (PTF) Temperature Elements
logo
Honeywell Solid State E...
HEL-700 HONEYWELL-HEL-700_V01 Datasheet
823Kb / 7P
Thin Film Platinum RTDs
June 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com