Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS Datasheet(PDF) 2 Page - TT Electronics.

Part # PTS
Description  High stability thin film Platinum sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PTS Datasheet(HTML) 2 Page - TT Electronics.

  PTS Datasheet HTML 1Page - TT Electronics. PTS Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Platinum Temperature
Sensor Chip
PTS Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
PTS Series Issue September 2009 Sheet 2 of 2
L (mm)
W (mm)
H (mm)
a (mm)
b (mm)
P0603
1.7 ±0.2
0.9 ±0.2
0.45 ±0.1
0.3 ±0.2
0.3 ±0.2
P0805
2.25 ±0.2
1.4 ±0.25
0.6 ±0.1
0.35 ±0.2
0.35 ±0.2
P1206
3.2 ±0.2
1.6 ±0.2
0.6 ±0.1
0.5 ±0.2
0.5 ±0.2
Physical Data
Prefix
PTS -
P1206LF
- 1001 - B
Model
P1206LF = 1206 chip with Pb-Free terminations
P0805LF = 0805 chip with Pb-Free terminations
P0603LF = 0603 chip with Pb-Free terminations
Resistance Code
Standard 4-Digit resistance code
Ex: 1000 = 100
Ω; 1001 = 1000Ω
Tolerance Code
B = R
0 ±0.12%
2B = R
0 ±0.24%
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
Ordering Data
L
a
W
H
b
SIDE
BOTTOM
TOP
Platinum Temperature
Sensor Chip
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com