Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWAXIAL Datasheet(PDF) 1 Page - TT Electronics.

Part # PWAXIAL
Description  Lead free, RoHS compliant construction available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PWAXIAL Datasheet(HTML) 1 Page - TT Electronics.

  PWAXIAL Datasheet HTML 1Page - TT Electronics. PWAXIAL Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Purpose Axial Leaded
Power Wirewound Resistor 
PW Axial Series
0.10Ωto30KΩ
2wattsto25watts
±10%or±5%tolerance
TC’sfrom300ppm/°Cto+5500ppm/°C
Leadfree,RoHScompliantconstructionavailable
PW Series
• 0.10
Ω to 30KΩ
• 2 watts to 25 watts
• ±10% or ±5% tolerance
• TC’s from 300 ppm/°C to +5500 ppm/°C
• Lead free, RoHS compliant construction available
General Purpose Axial Leaded
Power Wirewound Resistor
Type
Power Rating
@ 25°C
(watts)
Standard
Resistance
Range
(ohms)
Standard Temperature
Coefficient
Special Temperature Coefficients
+0.06%/°C
over R range
+0.03%/°C
over R range
+0.55%/°C
over R range
+0.45%/°C
over R range
+0.25%/°C
over R range
PW-2
2
0.15 to 2.4K
0.15 to 0.99
1.0 to 2.4K
0.1 to 30
0.24 to 130
1.0 to 10
PW-3
3
0.1 to 7.5K
0.1 to 0.99
1.0 to 7.5K
0.1 to 86
0.1 to 270
0.24 to 20
PW-5
5
0.1 to 8.5K
0.1 to 0.99
1.0 to 8.5K
0.1 to 68
0.1 to 300
0.27 to 22
PW-7
7
0.1 to 18K
0.1 to 0.99
1.0 to 18K
0.1 to 150
0.15 to 680
1.0 to 51
PW-10
10
0.18 to 30K
0.18 to 0.99
1.0 to 30K
0.1 to 240
0.24 to 1100
1.0 to 82
PW-15
15
0.18 to 30K
0.18 to 0.99
1.0 to 30K
0.1 to 240
0.24 to 1100
1.0 to 82
PW-18
18
0.18 to 22K
0.18 to 0.99
1.0 to 22K
0.1 to 200
0.24 to 1100
1.0 to 70
PW-22
22
0.27 to 18K
0.27 to 1.3
1.5 to 12K
0.15 to 360
0.36 to 1800
1.0 to 120
PW-25
25
0.27 to 18K
0.27 to 1.3
1.5 to 10K
0.15 to 300
0.36 to 1200
1.5 to 100
Electrical Data
Fireproof high
temperature ceramic
case- stand offs
optional
Alloy resistance
wire on fiberglass
substrate
Inorganic
fireproof
encapsulant
Automatically
clamped termination
lead assembly
Type
L ±0.03 (0.8)
W ±0.03 (0.8)
H ±0.03 (0.8) D Dia. ±0.002 (0.05) E ±0.03 (0.8)
LL min.
F (ref.)
(1.6)
(1.6)
(1.6)
(3.18)
(3.18)
(3.18)
(3.18)
(3.18)
(3.18)
PW-2
PW-3
PW-5
PW-7
PW-10
PW-15
PW-18
PW-22
PW-25
Standard Configuration
L
D
LL
0.125
” Max.
H
W
Alternate Configuration
E
F
Resistors
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)


Similar Part No. - PWAXIAL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PWA VISHAY-PWA Datasheet
105Kb / 3P
Thin Film Power Resistors
29-Apr-15
PWA VISHAY-PWA Datasheet
80Kb / 3P
Thin Film Power Resistors
29-Apr-15
logo
Vecow Co., Ltd.
PWA-120W VECOW-PWA-120W Datasheet
491Kb / 2P
Projected Capacitive Multi-Touch Screen with 7H Anti-Scratch Surface, up to 20-point Multi-touch
PWA-120W VECOW-PWA-120W Datasheet
498Kb / 2P
Projected Capacitive Multi-Touch Screen with 7H Anti-Scratch Surface, up to 20-point Multi-touch
PWA-120W VECOW-PWA-120W Datasheet
366Kb / 2P
Projected Capacitive 10-point Multi-Touch Screen with 7H Anti-Scratch Surface
More results

Similar Description - PWAXIAL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC800A ETC2-ATC800A Datasheet
165Kb / 5P
RoHS Compliant / Lead Free
ATC800B ETC2-ATC800B Datasheet
185Kb / 5P
RoHS Compliant / Lead-Free
ATC800R ETC2-ATC800R Datasheet
207Kb / 5P
RoHS Compliant / Lead-Free
logo
M/A-COM Technology Solu...
MACP-011010 MA-COM-MACP-011010 Datasheet
471Kb / 4P
RoHS Compliant, lead-free
MAPD-011020 MA-COM-MAPD-011020 Datasheet
422Kb / 4P
RoHS compliant and lead free
MACP-011015 MA-COM-MACP-011015 Datasheet
399Kb / 4P
RoHS Compliant, lead-free
logo
TT Electronics.
SMC TTELEC-SMC Datasheet
312Kb / 3P
Lead free, RoHS compliant
logo
M/A-COM Technology Solu...
MABA-011027 MA-COM-MABA-011027 Datasheet
664Kb / 5P
RoHS Compliant, lead-free
logo
WALSIN TECHNOLOGY CORPO...
SFXXF_Q WALSIN-SFXXF_Q Datasheet
1Mb / 10P
RoHS compliant and lead free
logo
Maxim Integrated Produc...
MAX9938EVKIT MAXIM-MAX9938EVKIT Datasheet
77Kb / 4P
Lead-Free and RoHS Compliant
Rev 0; 8/08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com