Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWAXIAL Datasheet(PDF) 2 Page - TT Electronics.

Part # PWAXIAL
Description  Lead free, RoHS compliant construction available
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PWAXIAL Datasheet(HTML) 2 Page - TT Electronics.

  PWAXIAL Datasheet HTML 1Page - TT Electronics. PWAXIAL Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Purpose Axial Leaded
Power Wirewound Resistor
PW Axial Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
General Purpose Axial Leaded
Power Wirewound Resistor
Power Derating Curve
100
80
60
40
0
50
100
150
200
250
Ambient Temperature
20
0
85
PW - 3, 5, 7, 10
25 40
PW - 2
PW - 15, 18, 22, 25
Temperature Rise Chart
300
250
200
0
0
20
40
60
80
100
120
150
100
50
PW - 15, 18
PW - 10
PW - 7
PW - 5
PW - 3
Percent of Rated Load
PW - 22, 25
Sample Part No.
IRC Type
Resistance Value
(standard EIA values)
Tolerance
J = 5%, K = 10%
RoHS Indicator
LF indicated RoHS compliance
Ordering Data
PW15
1202
K
LF
PW Series Issue December 2008 Sheet 3 of 3
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: PW15-12KKI (PW15, 12 kilohms ±10%, Pb-free)
P W 1
5
-
1
2
K K
I
1
2
3
4
5
USA (IRC) Part Number: PW151202KLF (PW15, 12 kilohms ±10%, Pb-free)
P W 1
5
1
2
0
2
K L F
1
2
3
4
5
1
2
3
4
5
Type
Configuration
Value
Tolerance Packing & Termination Finish
PW2, PW3,
PW5, PW7,
PW10, PW15,
PW18, PW22,
PW25
Omit for Standard R = ohms
K = kilohms
J = ±5%
I = Standard packing & Pb-free
A = Alternate
K = ±10%
Bulk pack
1
2
3
4
5
Type
Configuration
Value
Tolerance Packing & Termination Finish
PW2, PW3,
PW5, PW7,
PW10, PW15,
PW18, PW22,
PW25
Omit for Standard 3 digits + multiplier
J = ±5%
Omit for SnPb
A = Alternate
R = ohms for values
<100 ohms
K = ±10%
LF = Pb-free
Bulk pack
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com