Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWC Datasheet(PDF) 2 Page - TT Electronics.

Part # PWC
Description  improved working voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PWC Datasheet(HTML) 2 Page - TT Electronics.

  PWC Datasheet HTML 1Page - TT Electronics. PWC Datasheet HTML 2Page - TT Electronics. PWC Datasheet HTML 3Page - TT Electronics. PWC Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Pulse Withstanding
Chip Resistors
PWC Series
Pulse Withstanding
Chip Resistors
PWC Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
07. 08
Performance Data
Welwyn Components
Pulse Performance Data
Lightning Surge
lightning surge resistors are tested in
accordance with IEC 60 115-1 using
both 1.2/50µs and 10/700µs pulse shapes.
10 pulses are applied. The limit of
acceptance is a shift in resistance of less
than 1% from the initial value.
Size
Maximum
Typical
Load at rated power: 1000 hours at 70°C
ΔR%
1
0.25
Shelf life test: 12 months at room temperature
ΔR%
0.1
0.02
Deratingfromratedpowerat70°C
Zero at 155°C
Overload:6.25xratedpowerfor2seconds
ΔR%
1
0.1
Dryheat:1000hoursat155°C
ΔR%
1
0.2
Long term damp heat
ΔR%
1
0.25
Temperature rapid change
ΔR%
0.25
0.05
Resistancetosolderheat
ΔR%
0.25
0.05
Resistancetosulphur-bearinggas(ASversiononly):ASTM-B-809
0.25
0.05
Voltage proof
Volts
500
Note:A0.01Ohmadditiontobeaddedtotheperformanceofallresistors<10Ohms.
PulsePerformanceData
PWC Series Issue January 2009
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
1.2/50 µS Lightning Surge
10
100
1000
10000
110
100
1000
10000
1000001000000
10000000
Resistance (ohms)
0805
1206
2010
2512
10/700 µS Lightning Surge
10
100
1000
10000
110100
1000
10000
1000001000000
10000000
Resistance (ohms)
2512
2010
1206
0805
Pulse Withstanding
Chip Resistors
Lighting Surge
Resistors are tested in accordance with IEC 60 115-1 using both 1.2/50ms and 10/700ms pulse shapes. The limit of acceptance
is a shift in resistance of less than 1% from the initial value.
Pulse Performance Data
PWC Series Issue January 2009
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
1.2/50 µS Lightning Surge
10
100
1000
10000
110
100
1000
10000
1000001000000
10000000
Resistance (ohms)
0805
1206
2010
2512
10/700 µS Lightning Surge
10
100
1000
10000
110100
1000
10000
1000001000000
10000000
Resistance (ohms)
2512
2010
1206
0805
Pulse Withstanding
Chip Resistors
Lighting Surge
Resistors are tested in accordance with IEC 60 115-1 using both 1.2/50ms and 10/700ms pulse shapes. The limit of acceptance
is a shift in resistance of less than 1% from the initial value.
Pulse Performance Data
Lightning Surge
lightningsurgeresistorsaretestedinaccordancewithIEC60115-1usingboth1.2/50µsand10/700µspulseshapes.10pulsesareapplied.Thelimitof
acceptanceisashiftinresistanceoflessthan1%fromtheinitialvalue.
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com