Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWC Datasheet(PDF) 4 Page - TT Electronics.

Part # PWC
Description  improved working voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PWC Datasheet(HTML) 4 Page - TT Electronics.

  PWC Datasheet HTML 1Page - TT Electronics. PWC Datasheet HTML 2Page - TT Electronics. PWC Datasheet HTML 3Page - TT Electronics. PWC Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Temperature Derating Curve
125
Ambient Temperature /
°C
75
50
25
0
100
5
5
1
0
7
5
1
-
Pulse Withstanding
Chip Resistors
PWC Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Thermal Performance Data
09. 09
Welwyn Components
ApplicationNote
PWCresistorsthemselvescanoperateatamaximumtemperatureof155°C.Forsolderedresistors,thejointtemperatureshouldnotexceed110°C.This
conditionismetwhenthestatedpowerlevelsat70°Candrecommendedpadandtraceareasareused.Allowanceshouldbemadeif
smaller areas of copper are used.
AfullApplicationNoteonthePWCSeriesisavailable.
Packaging
0805and1206resistorsaresuppliedon8mmcarriertapeand2010and2512resistorsaresuppliedon12mmcarriertape,allon7inchreelsasperIEC
286-3.
Ordering Procedure
This product has two valid part numbers:
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: PWC2512-2K0JI (2512, 2 kilohms ±5%, Pb-free)
P W C
2
5
1
2
-
2
K
0
J
I
1
2
3
4
5
6
USA (IRC) Part Number: PWC-PWC2512LF-2K00-J
(2512, 2 kilohms ±5%, Pb-free)
P W C
-
P W C
2
5
1
2
L
F
-
2
K 0
0
-
J
1
2
3
4
5
6
1
2
3
4
5
6
Type Size
Anti-Sulphur
Value
Tolerance Termination & Packing
PWC 0805 Omit for standard E24 = 3/4 characters D = ±0.5%
1206 AS = Anti-sulphur E96 = 3/4 characters
F = ±1%
0805, 1206,
2010
3000/reel
2010
R = ohms
J = ±5%
2512
K = kilohms
2512
1800/reel
M = megohms
All sizes
1000/reel
1
2
3
4
5
6
Family Model
Size
Termination
Value
Tolerance
Packing
PWC
PWC
0805
Omit for SnPb 3 digits + multiplier D = ±0.5%
ELT = Plastic tape
1206
LF = Pb-free
R = ohms for
values <100 ohms
F = ±1%
0805, 1206,
2010
3000/reel
2010
J = ±5%
2512
2512
1800/reel
I = RoHS & Standard,
PB = SnPb & Standard
T1 = RoHS &
Non-Standard
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: PWC2512-2K0JI (2512, 2 kilohms ±5%, Pb-free)
P W C
2
5
1
2
-
2
K
0
J
I
1
2
3
4
5
6
USA (IRC) Part Number: PWC-PWC2512LF-2K00-J
(2512, 2 kilohms ±5%, Pb-free)
P W C
-
P W C
2
5
1
2
L
F
-
2
K 0
0
-
J
1
2
3
4
5
6
1
2
3
4
5
6
Type Size
Anti-Sulphur
Value
Tolerance Termination & Packing
PWC 0805 Omit for standard E24 = 3/4 characters D = ±0.5%
1206 AS = Anti-sulphur E96 = 3/4 characters
F = ±1%
0805, 1206,
2010
3000/reel
2010
R = ohms
J = ±5%
2512
K = kilohms
2512
1800/reel
M = megohms
All sizes
1000/reel
1
2
3
4
5
6
Family Model
Size
Termination
Value
Tolerance
Packing
PWC
PWC
0805
Omit for SnPb 3 digits + multiplier D = ±0.5%
ELT = Plastic tape
1206
LF = Pb-free
R = ohms for
values <100 ohms
F = ±1%
0805, 1206,
2010
3000/reel
2010
J = ±5%
2512
2512
1800/reel
I = RoHS & Standard,
PB = SnPb & Standard
T1 = RoHS &
Non-Standard
Pulse Withstanding
Chip Resistors
PWC Series
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com