Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCP Datasheet(PDF) 1 Page - TT Electronics.

Part # RCP
Description  Low TCRs over a wide resistance range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

RCP Datasheet(HTML) 1 Page - TT Electronics.

  RCP Datasheet HTML 1Page - TT Electronics. RCP Datasheet HTML 2Page - TT Electronics. RCP Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Precision Metal Film Resistors
RCP series
Precision resistors with uprated power
Low TCRs over a wide resistance range
Tolerance down to 0.05%
Lownoiseandnegligiblevoltagecoefficient
Express delivery available
Precision Metal
Film Resistors
RCP series
Precision resistors with
uprated power
Low TCRs over a wide resistance range
Tolerance down to 0.05%
Low noise and negligible voltage coefficient
Express delivery available
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
176
RC55P
RC65P
RC70P
Notes
Power rating at 70°C
watts
0.5
1.0
1.5
Resistance range
ohms
1R to 4M
1R to 4M
1R to 10M
Limiting element voltage
volts
350
500
500
Isolation voltage
volts
500
500
700
TCR (20 to +70°C) & codes
ppm/°C
Resistance tolerance (code)
%
0.05(W), 0.1(B), 0.25(C) & 0.5(D)
restrictions
Standard values
E24, E96 preferred
Any value to order
Thermal impedance
°C/watt
110
70
60
Ambient temperature range
°C
-55 to +155
Electrical Data
07.11
A subsidiary of
TT electronics plc
Welwyn Components
Construction
Ceramic rods are coated with a metal film and plated steel
caps are force fitted. A helical cut is used to adjust the film to
its final value.
Termination wires are welded to the caps and the resistor is
protected with a specially formulated epoxy coating.
Terminations
Material
Solder-coated copper wire.
Strength
The terminations meet the requirements of
IEC 68.2.21
Solderability
The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2
Dimensions (mm) and Weight (g)
PCB
Min
mounting
Bend
Wt.
Type
L Max
D Max
f min
d nom.
centres
Radius
nom.
RC55P
7.2
2.5
30
0.6
10.2
0.6
0.24
RC65P
10.0
3.7
30
0.6
12.7
0.6
0.40
RC70P
15.5
5.5
30
0.8
18.4
1.2
1.15
Physical Data
L
D
f
d
Marking
Type reference, TCR code, resistance value and tolerance
code. The resistance value marking conforms to IEC 62.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning fluids suitable for printed circuits.
5(V), 10(T), 15(Y), 25(D), 50(C), 100(Z)
See resistance
Make Possible
Resistors
11.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)


Similar Part No. - RCP

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
RCP WELWYN-RCP Datasheet
132Kb / 2P
Precision Metal Film Resistors
logo
Vishay Siliconix
RCP VISHAY-RCP Datasheet
95Kb / 4P
Thick Film Chip Resistors, Industrial, High Power, Aluminum Nitride Substrate
13-Dec-16
logo
Amphenol LTW
RCP-00BMMS-SLM7001 LTW-RCP-00BMMS-SLM7001 Datasheet
341Kb / 1P
RJ45 FEED-THRU,13/16"-28,CSIZE |
D 2015-06-19
RCP-00BMMS-SLM700I LTW-RCP-00BMMS-SLM700I Datasheet
341Kb / 1P
RJ45 FEED-THRU,13/16"-28,CSIZE |
D 2015-06-19
RCP-00BMMS-TLM7001 LTW-RCP-00BMMS-TLM7001 Datasheet
216Kb / 1P
RJ45 FEED-THRU, 3T LOCK, CSIZE
B 2014-09-02
More results

Similar Description - RCP

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CSALS16M0X55-B0 MURATA-CSALS16M0X55-B0 Datasheet
187Kb / 3P
stable over a wide temperature range
CSALS16M0X55Z-B0 MURATA-CSALS16M0X55Z-B0 Datasheet
187Kb / 3P
stable over a wide temperature range
CSALS16M9X55-A0 MURATA-CSALS16M9X55-A0 Datasheet
187Kb / 3P
stable over a wide temperature range
CSALS20M0X53-A0 MURATA-CSALS20M0X53-A0 Datasheet
186Kb / 3P
stable over a wide temperature range
CSALS20M0X53-B0 MURATA-CSALS20M0X53-B0 Datasheet
184Kb / 3P
stable over a wide temperature range
CSALS24M0X53-A0 MURATA-CSALS24M0X53-A0 Datasheet
184Kb / 3P
stable over a wide temperature range
CSALS24M0X53-B0 MURATA-CSALS24M0X53-B0 Datasheet
184Kb / 3P
stable over a wide temperature range
CSALS24M5X53-B0 MURATA-CSALS24M5X53-B0 Datasheet
193Kb / 3P
stable over a wide temperature range
CSALS33M8X51-B0 MURATA-CSALS33M8X51-B0 Datasheet
183Kb / 3P
stable over a wide temperature range
logo
Ohmite Mfg. Co.
RES-TP OHMITE-RES-TP Datasheet
320Kb / 1P
Wide Resistance Range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com