Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR62 Datasheet(PDF) 1 Page - ams AG

Part # OR62
Description  OR62 is a 6-input OR gate with 2x drive strength
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

OR62 Datasheet(HTML) 1 Page - ams AG

  OR62 Datasheet HTML 1Page - ams AG OR62 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OR62 is a 6-input OR gate with 2x drive strength.
Truth Table
B
C
D
E
A
F
Q
Capacitance
AB
C
D
E
F
Q
Ci (pF)
LLLL
LL
L
A
0.046
H
XXX
XX
H
B
0.043
X
H
XX
XX
H
C
0.046
XX
H
X
XX
H
D
0.046
XXX
H
X
X
H
E
0.043
XXXX
H
X
H
F
0.048
XXXX
X
H
H
Area
Power
1.08 mils
2
4.45 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.2
L = 1.4
L = 2.0
L = 0.2
L = 1.4
L = 2.0
Delay A to Q
tpdar
0.62
1.97
2.69
0.85
2.20
2.86
tpdaf
0.52
1.48
1.99
0.75
1.71
2.20
Delay B to Q
tpdbr
0.67
2.06
2.76
0.96
2.33
2.97
tpdbf
0.60
1.57
2.06
0.73
1.70
2.19
Delay C to Q
tpdcr
0.77
2.11
2.83
1.03
2.43
3.04
tpdcf
0.62
1.58
2.08
0.70
1.67
2.15
Delay D to Q
tpddr
0.61
1.97
2.66
0.84
2.19
2.86
tpddf
0.56
1.54
2.05
0.78
1.78
2.28
Delay E to Q
tpder
0.66
2.02
2.78
0.95
2.31
2.95
tpdef
0.64
1.63
2.09
0.78
1.78
2.28
Delay F to Q
tpdfr
0.73
2.08
2.80
1.01
2.41
3.03
tpdff
0.66
1.65
2.12
0.74
1.74
2.23
Output Slope A to Q
op_slar
0.98
4.95
7.16
0.98
5.07
7.00
op_slaf
0.71
3.55
5.00
0.68
3.53
4.90
Output Slope B to Q
op_slbr
1.01
5.08
7.12
1.00
5.00
6.98
op_slbf
0.71
3.58
4.93
0.70
3.52
4.91
Sept. 1996
- 347 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
OR62
OR62


Similar Description - OR62

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AND6 ETC-AND6 Datasheet
12Kb / 2P
6-input AND gate with 1x drive strength
logo
ams AG
NA53 AMSCO-NA53 Datasheet
9Kb / 1P
NA53 is a 5-input NAND gate with 3x drive strength
EO12 AMSCO-EO12 Datasheet
9Kb / 1P
EO12 is a 2-input EXCLUSIVE-OR (XOR) gate with 2x drive strength
NA72 AMSCO-NA72 Datasheet
13Kb / 2P
NA72 is a 7-input NAND gate with 2x drive strength
OR22 AMSCO-OR22 Datasheet
8Kb / 1P
2-input OR gate with 2x drive strength
INA22 AMSCO-INA22 Datasheet
10Kb / 1P
2-input NAND gate with one inverted input 2x drive strength
OR73 AMSCO-OR73 Datasheet
13Kb / 2P
7-input OR gate with 3x drive strength.
logo
List of Unclassifed Man...
NA82 ETC1-NA82 Datasheet
13Kb / 2P
NA82 is an 8-input NAND gate with 2x drive strength.
logo
ams AG
OR2 AMSCO-OR2 Datasheet
12Kb / 1P
2-input OR gate with 1x drive strength
AND52 AMSCO-AND52 Datasheet
12Kb / 1P
5-input AND gate with 2x drive strength.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com