Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR62 Datasheet(PDF) 2 Page - ams AG

Part # OR62
Description  OR62 is a 6-input OR gate with 2x drive strength
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

OR62 Datasheet(HTML) 2 Page - ams AG

  OR62 Datasheet HTML 1Page - ams AG OR62 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.2
L = 1.4
L = 2.0
L = 0.2
L = 1.4
L = 2.0
Output Slope C to Q
op_slcr
1.02
5.06
6.95
1.02
5.05
6.87
op_slcf
0.71
3.55
4.91
0.70
3.51
4.90
Output Slope D to Q
op_sldr
0.97
5.28
7.40
0.92
5.27
7.50
op_sldf
0.75
3.56
5.02
0.73
3.60
4.95
Output Slope E to Q
op_sler
0.98
5.25
7.33
0.96
5.15
7.50
op_slef
0.73
3.50
4.83
0.76
3.60
4.96
Output Slope F to Q
op_slfr
0.98
5.25
7.50
0.98
5.18
7.51
op_slff
0.73
3.53
4.83
0.75
3.60
4.93
Sept. 1996
- 348 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
OR62



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com