Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTD Datasheet(PDF) 1 Page - TT Electronics.

Part # RTD
Description  High stability Platinum based sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

RTD Datasheet(HTML) 1 Page - TT Electronics.

  RTD Datasheet HTML 1Page - TT Electronics. RTD Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Welwyn Components
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com
CHC Series Issue June 2006
Platinum Temperature Sensor
• High stability Platinum based sensor
• High resolution, accuracy and interchangeability
• Compatible with automatic placement equipment
• Wide temperature range - very fast response time
• Surface mount package available with SnPb and Pb-free terminations
Electrical Data
Performance Data
The temperature
sensor is a conventional
thin film platinum RTD
in a surface mount
package designed for
temperature sensing,
over-temperature
protection and tempera-
ture compensation in
any application where
printed circuit board
temperature sensing is
desired.
Self Heating
P0603
P0805
P1206
0.14°C/mW
0.13°C/mW
0.13°C/mW
Available Resistances
100Ω
100Ω
100Ω, 1.0KΩ
Resistance Tolerances
±0.5%, ±1%, ±2%, ±5%
Operating Temperature
Range
-55°C to +150°C
Temperature Coefficient
+3850 ppm/°C
Insulation Resistance
10MΩ minimum at 25°C
Recommended Measuring
Current
≤1mA
Long Term Stability (10,000
hours at 125°C)
<0.05%
Termination
60/40 SnPb or 100% Sn
Settling Response Time
P0603
P0805
P1206
Rapidly Stirred Oil
0.1s
(t
0.5)
0.4s
(t
0.9)
0.1s
(t
0.5)
0.4s
(t
0.9)
0.2s
(t
0.5)
0.6s
(t
0.9)
Air @ 1m/s
1.1s
(t
0.5)
3.7s
(t
0.9)
1.2s
(t
0.5)
4.2s
(t
0.9)
1.8s
(t
0.5)
6s
(t
0.9)
* Temperature coefficient in accordance with IEC751
RTD Series
OBSOLETE


Similar Part No. - RTD

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
RTD WELWYN-RTD Datasheet
173Kb / 2P
Platinum Temperature Sensor
logo
Electronic devices inc.
RTD EDI-RTD Datasheet
47Kb / 2P
100mA SILICON CARTRIDGE RECTIFIERS
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
Temperature Sensor
logo
IET Labs Inc.
RTD IET-RTD Datasheet
161Kb / 1P
Precision Resistance Temperature Detector Simulator
November 2015
logo
Omega Engineering, Inc.
RTD OMEGA-RTD Datasheet
1Mb / 1P
RTD and Thermistor Extension Cables
More results

Similar Description - RTD

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
RTD WELWYN-RTD Datasheet
173Kb / 2P
Platinum Temperature Sensor
logo
IRC - a TT electronics ...
RTD-P1206-42-1000-D IRCTT-RTD-P1206-42-1000-D Datasheet
333Kb / 2P
Platinum Temperature Sensor
logo
List of Unclassifed Man...
PPG102B1 ETC2-PPG102B1 Datasheet
87Kb / 1P
PLATINUM RTD SENSOR
PPG101B1 ETC2-PPG101B1 Datasheet
89Kb / 1P
PLATINUM RTD SENSOR
PPG501C1 ETC2-PPG501C1 Datasheet
87Kb / 1P
PLATINUM RTD SENSOR
PPG102C1 ETC2-PPG102C1 Datasheet
88Kb / 1P
PLATINUM RTD SENSOR
PPG101A1 ETC2-PPG101A1 Datasheet
89Kb / 1P
PLATINUM RTD SENSOR
logo
TT Electronics.
PTS TTELEC-PTS Datasheet
273Kb / 2P
High stability thin film Platinum sensor
logo
TE Connectivity Ltd
PTFC102BC1G0 TEC-PTFC102BC1G0 Datasheet
79Kb / 3P
Platinum Temperature Sensor
logo
Innovative Sensor Techn...
P0K1.232.6W.B.010 IST-P0K1.232.6W.B.010 Datasheet
369Kb / 2P
Platinum sensor with wires For high temperatures
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com