Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTD Datasheet(PDF) 2 Page - TT Electronics.

Part # RTD
Description  High stability Platinum based sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

RTD Datasheet(HTML) 2 Page - TT Electronics.

  RTD Datasheet HTML 1Page - TT Electronics. RTD Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHC Series Issue June 2006
Welwyn Components
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com
Platinum Temperature Sensor
Ordering Data
Physical Data
For additional information or to discuss your specic requirements,
please contact our Applications Team using the contact details below.
L
a
W
H
b
TOP
SIDE
BOTTOM
L
W
H
a
b
P0603
1.60 ± 0.1
0.79 ± 0.1
0.51 ± 0.1
0.20 ± 0.1
0.20 ± 0.1
P0805
2.06 ± 0.13
1.27 ± 0.13
0.51 ± 0.15
0.41 ± 0.2
0.41 ± 0.2
P1206
3.20 ± 0.13
1.60 ± 0.13
0.61 ± 0.1
0.41 ± 0.2
0.41 ± 0.2
Example: P1206 with TCR of +3850ppm/°C ± 100ppm/oC at 100 ohms and 1% tolerance and
tape packed on a reel -
P 1 2 0 6 – 4 2 – 1 0 0 R F I
Type
TCR
42
+3850ppm/
°C ± 100ppm/°C
43
+3850ppm/
°C ± 50ppm/ °C
Value (use IEC62 code)
Tolerance (use IEC62 code)
D
0.5%
G
2%
F
1%
J
5%
Packing
I
Tape
1000 to 4000/reel
Standard
Note: This code applies to standard Pb-free termination finish.
OBSOLETE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com