Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASEMDLC Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASEMDLC
Description  LOW JITTER PIN CONFIGURABLE LVDS-CMOS DUAL OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEMDLC Datasheet(HTML) 2 Page - Abracon Corporation

  ASEMDLC Datasheet HTML 1Page - Abracon Corporation ASEMDLC Datasheet HTML 2Page - Abracon Corporation ASEMDLC Datasheet HTML 3Page - Abracon Corporation ASEMDLC Datasheet HTML 4Page - Abracon Corporation ASEMDLC Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 11.05.14
Visit
www.abracon.comfor Terms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
|||| | | | | | | | | | | |
APPLICATIONS:
3.2 x 2.5 x 0.85 mm
ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
Life Size
Key Electrical Specifications (continued)
PHASE JITTER
ASEMDLC
LOW JITTER PIN CONFIGURABLE LVDS-CMOS DUAL OUTPUT
ASEMDLC
0.0
0.5
1.0
1.5
2.0
2.5
0
200
400
600
800
1000
Low-end of integration BW: x kHz to 20 MHz
25MHz-CMOS
50MHz-CMOS
106MHz-CMOS
125MHz-CMOS
0.0
0.5
1.0
1.5
2.0
2.5
0
200
400
600
800
1000
Low-end of integration BW: x kHz to 20 MHz
156MHz-LVDS
212MHz-LVDS
320MHz-LVDS
410MHz-LVDS
LVDS
CMOS
LVDS Output (Fout1)
Parameters
Minimum
Typical
Maximum
Units
Notes
Output Offset Voltage
1.125
1.40
V
RL=100 Ω, Differential
V
m
0
5
e
g
a
tl
o
V
t
e
s
f
f
O
a
tl
e
D
Peak to Peak Output Swing
350
mV
Single-Ended
Rise Time
Tr
200
350
ps
RL=50 Ω, CL=2pF
20% to 80%
Fall Time
Tf
200
350
ps
l
a
it
n
e
r
e
f
fi
D
%
2
5
8
4
e
l
c
y
C
y
t
u
D
Period Jitter RMS (JPER
z
H
M
5
2
1
=
1
0
F
s
p
5
.
2
)
Integrated Phase Jitter (JPH)
0.28
2
ps
200kHz ~ 20MHz,
@156.25MHz
0.40
2
100kHz ~ 20MHz,
@156.25MHz
1.70
2
12kHz ~ 20MHz,
@156.25MHz
CMOS Output (Fout2)
Parameter
Minimum
Typical
Maximum
Units
Notes
Output Logic Level
VOH
0.9*Vdd
V
I=±6mA
VOL
0.1*Vdd
Rise Time
Tr
1.1
2.0
ns
ns
CL=15pF
20% to 80%
Fall Time
Tf
1.3
2.0
%
5
5
5
4
e
l
c
y
C
y
t
u
D
Period Jitter RMS (JPER
z
H
M
5
2
1
=
1
0
F
s
p
0
.
3
)
Integrated Phase Jitter (JPH)
0.30
2
ps
200kHz ~ 20MHz,
@125MHz
0.38
2
100kHz ~ 20MHz,
@125MHz
1.70
2
12kiHz ~ 20MHz,
@125MHz
Pb RoHS/RoHS II compliant



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com