Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASEMDLC Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASEMDLC
Description  LOW JITTER PIN CONFIGURABLE LVDS-CMOS DUAL OUTPUT ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASEMDLC Datasheet(HTML) 3 Page - Abracon Corporation

  ASEMDLC Datasheet HTML 1Page - Abracon Corporation ASEMDLC Datasheet HTML 2Page - Abracon Corporation ASEMDLC Datasheet HTML 3Page - Abracon Corporation ASEMDLC Datasheet HTML 4Page - Abracon Corporation ASEMDLC Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
(left blank if standard)
ABSOLUTE MAXIMUM RATINGS
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 11.05.14
Visit
www.abracon.comfor Terms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
|||| | | | | | | | | | | |
3.2 x 2.5 x 0.85 mm
ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
Life Size
ASEMDLC
LOW JITTER PIN CONFIGURABLE LVDS-CMOS DUAL OUTPUT
ASEMDLC
OPTIONS AND PART IDENTIFICATION:
Default condition: Frequency select bits [FS2, FS1, FS0] are all left floated. FS2, FS1, FS0 are pulled high [111]
Frequency combination and default frequency is customized upon request. Please contact Abracon for the
frequency combinations.
CONFIGURABLE CMOS OUTPUT STRENGTH (TR/TF)
Item
Minimum
Maximum
Unit
Condition
Supply Voltage
-0.3
+4.0
V
Input Voltage
-0.3
Vdd+0.3
V
Junction Temp.
+150
°C
Storage Temp.
-55
+150
°C
Soldering Temp.
+260
°C
40sec max
ESD
HBM
MM
CDM
4,000
400
1,500
V
* Due to the immediate availability of stock and the qty of the order, the parts may
be delivered as BULK: Cut Tape, Loose parts in Antistatic Bag or in Tube(s). The
MOQ per the series will still apply for Tube packaging.
ASEMDLC - - -
Operating Temp.
Blank: -20°C ~ +70°C
L: -40°C ~ +85°C
Overall Freq. Stability
Blank: ±50ppm
R: ±25 ppm
Packaging
Blank*: Tube (110pcs / Tube)
T: Tape & Reel (1kpcs / reel)
T3: Tape & Reel (3kpcs / reel)
T5: Tape & Reel (5kpcs / reel)
Frequency
Combination
Freq (MHz)
Freq Select Bits [FS2, FS1, FS0] – Default is [111]
000
001
010
011
100
101
110
111
Standard
Configuration
fOUT1 (LVDS)
148.5
74.25
156.25
150
125
125
100
100
fOUT2 (CMOS)
74.25
74.25
125
125
25
50
50
75
Custom
Configuration
fOUT1
Contact Abracon for customized configurations
fOUT2
CMOS Output (Tr/Tf) are configurable by the control pins OS2, OS1 and OS0. The combinations are described
in the table below.
Output Drive Strength Bits
[OS2, OS1, OS0] - Default [111]
000
001
010
011
100
101
110
111
Tr (ns)
2.1 1.7
1.1
Tf (ns)
2.5 2.4
1.3
Pb RoHS/RoHS II compliant
2.4
2
1.8
1.6 1.3
1.6 1.4
1.3 1.3
1.2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com