Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPC Datasheet(PDF) 2 Page - Tyco Electronics

Part # DPC
Description  Definite Purpose Contactors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DPC Datasheet(HTML) 2 Page - Tyco Electronics

  DPC Datasheet HTML 1Page - Tyco Electronics DPC Datasheet HTML 2Page - Tyco Electronics DPC Datasheet HTML 3Page - Tyco Electronics DPC Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DPC Series
Definite Purpose
Contactors
Tyco Electronics I Definite Purpose Contactors
DESCRIPTION
KEY FEATURES
Three or four pole switching
(main contacts) plus
optional auxiliary contacts
Ratings from 20-40 full load
amps, 30-50 amps resistive
Fully enclosed, efficient
50/60 Hz. coils
Standard arc cover
Integrated mounting plate
Space-saving plate available
on three pole models
Quieter operation and less
contact bounce than
similar products
Max sealed VA of 6.5 for
three pole, 7.0 for four pole
Various termination options
Three and four pole definite purpose contactors offer ratings from 20
to 40 full load amps (FLA), 30 to 50 amps resistive.
Factory-installed or user-installable auxiliary switches are optional
APPLICATIONS
AC motor control and resistive element control in industrial machinery,
HVAC equipment, elevators, commercial appliances and other systems.
MECHANICAL
STANDARDS AND SPECS
ELECTRICAL
RoHS
Ready
M
Ma
aiin
n C
Co
on
ntta
ac
ctt R
Ra
attiin
ng
gs
s
Full
Number
Line
Locked
Resistive
Maximum Horsepower
Load
of
Voltage
Rotor
Amps
Single
Three
Amps
Poles
Amps
Rating
Phase
Phase
120
120
30
1.5
–
240
120
30
3
7.5
20
3 or 4
480
100
30
–
7.5
600
80
30
–
7.5
120
150
35
2
-
240
150
35
5
10
25
3 or 4
480
125
35
–
15
600
100
35
–
20
120
180
40
2
-
240
180
40
5
10
30
3 or 4
480
150
40
–
15
600
120
40
–
20
120
240
50
3
–
240
240
50
7.5
10
40
3 or 4
480
200
50
–
20
600
160
50
–
25
UL Recognized for the US and Canada, File E75492.
CSA Certified, File LR49598.
S Marked, Intertek ETL SEMKO Certificate 811687.
CE Marked
Three pole models without auxiliary switches measure approximately
1.95 x 3.76 x 2.99 in. (49.7 x 95.6 x 76.0mm), with narrow base; 2.38 x
3.76 x 2.99 (60.3 x 95.6mm x 76.0mm) , with standard base.
Four pole models without auxiliary switches measure approximately
2.58 x 3.75 x 2.99 in. (65.5 x 95.2 x 76.0mm), including base.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com