Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPC Datasheet(PDF) 3 Page - Tyco Electronics

Part # DPC
Description  Definite Purpose Contactors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

DPC Datasheet(HTML) 3 Page - Tyco Electronics

  DPC Datasheet HTML 1Page - Tyco Electronics DPC Datasheet HTML 2Page - Tyco Electronics DPC Datasheet HTML 3Page - Tyco Electronics DPC Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Definite Purpose Contactors I Tyco Electronics
DPC Series
Definite Purpose
Contactors
Note: Specifications and availablity are subject to change without
notice. Consult data sheet 1-1773450-6 for detailed specifications.
ELECTRICAL (CONTINUED)
PRODUCT OFFERING
Note: All part numbers shown at right are RoHS compliant.
TTyyppiiccaall PPaarrtt N
Noo.. >>
DDPPCC
--
33
QQ
2255
CCSS
11
33
SSeerriieess::
DPC = Definite Purpose Contactor
PPaacckkaaggiinngg::
Y = Individual Pack
– = Bulk Pack
N
Nuum
mbbeerr ooff PPoolleess::
3 = 3 Pole 4 = 4 Pole
CCooiill VVoollttaaggee ((5500//6600 HHzz..))::
Q = 24VAC
U = 208/240VAC
H = 480VAC
T = 120VAC
V = 277VAC
Other AC coil voltages to 575V available, consult factory for details
CCoonnttaacctt RRaattiinnggss ((FFLLAA))::
20 = 20 Amps
25 = 25 Amps
30 = 30 Amps
40 = 40 Amps
M
Maaiinn CCoonnttaacctt TTeerrm
miinnaattiioonn TTyyppee::
CS = Combo Screws
SS = Sems Screws
BL = Box Lugs
Various terminal types may be mixed on a unit, consult factory for details.
CCooiill TTeerrm
miinnaattiioonn TTyyppee::
1 = Coil terminals up (toward keyhole on base)
2 = Coil terminals down (toward slot on base)
3 = Coil terminals up (toward keyhole on base) with #6-32 screw
4 = Coil terminals down (toward slot on base) with #6-32 screw
CCoonnttaacctt FFoorrm
m aanndd M
Maatteerriiaall::
X = Form X (ST-NO-DM), Silver Cadmium Oxide
R = Form X (ST-NO-DM), Silver Tin Oxide
Y = Form Y (ST-NC-DB), Silver Cadmium Oxide
H = Form Y (ST-NC-DB), Silver Tin Oxide
S = Contact forms may be mixed on a unit, consult factory for details.
CCuussttoom
meerr aanndd OOppttiioonn CCooddeess::
Leave Blank = Standard part, no customer-specific options
3B = Two pole unit in a three pole base with the center pole open (must specify “3” in step 3 above)
QQC = Quad quick connects for main contact terminals (available on non-coil terminal side only)
NQC = No quick connects for main contact terminals
NB = Narrow Base (available on three pole model only)
DR = DIN rail mounting adapter
NCR = Normally closed auxiliary switch on right side
NCL = Normally closed auxiliary switch on left side
SAR = SPDT auxiliary switch on right side
SAL = SPDT auxiliary switch on left side
NONCR = Normally open/normally closed auxiliary switch on right side
NONCL = Normally open/normally closed auxiliary switch on left side
SNCR = SPDT aux. switch on left side, normally closed auxiliary switch on the right
SNCL = SPDT aux. switch on right side, normally closed auxiliary switch on the left
### (3-digit numeric) = Factory-assigned customer number
Consult factory for other special requirements.
Coil Data
Nominal Inrush VA @ 50 Hz: 72 for Three Pole, 82 for Four Pole
Nominal Inrush VA @ 60 Hz: 64 for Three Pole, 73 for Four Pole
Nominal Sealed VA @ 50 Hz: 7 for Three Pole, 8 for Four Pole
Nominal Sealed VA @ 60 Hz: 6 for Three Pole, 7 for Four Pole



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com