Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPP Datasheet(PDF) 2 Page - TT Electronics.

Part # SPP
Description  Lower ranges available - contact factory
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SPP Datasheet(HTML) 2 Page - TT Electronics.

  SPP Datasheet HTML 1Page - TT Electronics. SPP Datasheet HTML 2Page - TT Electronics. SPP Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fibre Core Conformal Coated
Wirewound Resistor
SPP Series
Make Possible
09.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
Fibre Core Conformal Coated
Wirewound Resistor
SPP Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
11.13
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Dimensions (Inches and (mm))
IRC Type
A
B
C ± .002(0.05)
SPP-1
0.400(10.2) max.
0.148(3.8) max.
0.032(0.8)
0.032(0.8)
0.032(0.8)
SPP-2
0.570(14.5) max.
0.170(4.3) max.
SPP-3
0.570(14.5) max
0.170(4.3) max.
Physical Data
Characteristics
Maximum Limits
Temperature Coefficient (ppm/°C)
±600/°C
0.10
Ω - 0.91Ω
±300/°C
1.0
Ω - 1200Ω
±600/°C
0.10
Ω - 0.91Ω
±300/°C
1.0
Ω - 2400Ω
±600/°C
0.10
Ω - 0.91Ω
±600/°C
1.0
Ω - 2400Ω
Thermal Shock
±5%
Low Shock
±5%
Short Time Overload
±5%
Commercial Short Time Overload
±5%
Resistance to Solder Immersion
±3%
Solderability
95% minimum coverage
Moisture Resistance
±5%
Life Test
±5%
Test Method
EIA Specification RS-344
Environmental Data
Low-Cost General Purpose
Conformal Coated
Wirewound Resistor
SPP-1
SPP-2
SPP-3
C
A
max.
1.125
(28.6)
min.
B
SPP Series Issue December 2008 Sheet 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com