Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPP Datasheet(PDF) 3 Page - TT Electronics.

Part # SPP
Description  Lower ranges available - contact factory
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SPP Datasheet(HTML) 3 Page - TT Electronics.

  SPP Datasheet HTML 1Page - TT Electronics. SPP Datasheet HTML 2Page - TT Electronics. SPP Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fibre Core Conformal Coated
Wirewound Resistor
SPP Series
Make Possible
09.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
Fibre Core Conformal Coated
Wirewound Resistor
SPP Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
11.13
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Power Derating Curve
Sample Part No.
IRC Type
Power
(See Electrical Data chart for other power ratings)
Recognition
UL = UL1412 recognised (optional characters)
Resistance Value
Expressed in ohms
(Standard EIA/MIL values)
Tolerance
LF = Lead Free
J = ±5%, K = ±10% standard
Ordering Data
LF
Low-Cost General Purpose
Conformal Coated
Wirewound Resistor
Temperature Rise Curve
80
100
60
40
20
0
Ambient Temperature (°C)
0
50
100
150
200
250
300
SPP-3
SPP-1, 2
200
300
100
Percent Rated Power
0
20
40
60
80
0
100
SPP-3
SPP-2
SPP-1
SPP Series Issue December 2008 Sheet 3 of 3
1
10
100
10
15
20
25
30
35
40
45
50
55
60
Initial Power (W)
SPP1 Fusing Characteristic
(Maximum & Typical Fusing Times)
Maximum
Typical
1
10
100
1000
10
15
20
25
30
35
40
45
50
55
60
Initial Power (W)
SPP2 Fusing Characteristic
(Maximum & Typical Fusing Times)
Maximum
Typical
SPP Series Pulse Energy Limit
single or low repetition rate, ΔR <5%)
Value (ohms)
SPP1
SPP2
1
0
1
2
3
4
5
6
7
10
100
1000
10000
1.2/50us Peak Voltage Limit
(10 pulses at 30s intervals, ΔR <5%)
Value (ohms)
SPP2
SPP1
1
0
1
2
3
4
5
6
7
10
100
1000
10000
Note: After fusing the ohmic value is at least 100 times the initial value, provided
initial power ≥ 25W is applied.
Note: After fusing the ohmic value is at least 100 times the initial value, provided
initial power ≥ 40W is applied.
Ordering Procedure
Example: SPP1UL4700JLF (SPP1, UL recognised, 470 ohms ±5%, Pb-free)
S
P
P
1 U L
4
7
0
0
J
L
F
1
2
3
4
5
6
1
2
3
4
5
6
Type
UL Status
Value
Tolerance
Packing &
Termination Finish
Custom
Code
SPP1 UL = UL recognised 3 digits + multiplier
J = ±5%
Omit for SnPb
Optional
SPP2 (SPP1 & SPP2 only,
see Electrical Data for
applicable values.)
R = ohms for values
<100 ohms
K = ±10%
LF = Pb-free
SPP3
Standard packing is
tape & reel, 4000/reel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com