Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P30 Datasheet(PDF) 1 Page - Tyco Electronics

Part # P30
Description  Definite Purpose Magnetic Contactor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

P30 Datasheet(HTML) 1 Page - Tyco Electronics

  P30 Datasheet HTML 1Page - Tyco Electronics P30 Datasheet HTML 2Page - Tyco Electronics P30 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
823
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 5-05)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Features
• AC and DC coils.
• Available with auxiliary switch.
• Variety of main contact terminals.
• For control of motors, power supplies, heating elements and lighting.
Contact Data @ 25°C
Arrangements: Up to 4 Form X (4PST-NO-DM)
Ratings: See contact rating table.
Material: Silver-cadmium oxide.
Expected Life: 200,000 operations at full load.
AC coil: 2 million operations, mechanical.
DC coil: 10 million operations, mechanical.
Minimum Contact Data: 3A @ 120VAC.
Main Contact Ratings
P30 Electrical Discharge Lamp Control: 40A @ 240V (Delta), 40A @ 600V (Wye).
P40 Electrical Discharge Lamp Control: 50A @ 600V (Wye).
Auxiliary Snap-Action Switch
Arrangements: Up to 2 Form C (DPDT).
Rating: 10 amps at 120-250VAC @ 25°C.
Material: Silver.
Initial Dielectric Strength
Initial Breakdown Voltage: 2,200V rms minimum between all elements
and between all elements to ground.
Coil Data @ 25°C
Voltage: From 12 to 120VDC, and 24 to 277VAC, 50/60 Hz.
Power: DC, 7.5 W; AC, 92VA, In rush; 12 VA Sealed.
Duty Cycle: Continuous.
Insulation Class: Class A, standard, Class B available.
Initial Insulation Resistance: 100 megohms, minimum.
Coil Data
*Applicable for vertical mounting, but not for upside-down mounting.
Note: Coil suppression is recommended for all DC coil units, particulary 120 and
240VDC coils.
Operate Data
Must-Operate Voltage: See coil data tables.
Environmental Data
Temperature Range: –55°C to +65°C.
Mechanical Data
Mounting: Universal mounting bracket. See outline drawings.
Termination:
Contacts: Binder screw, box lug, captive pressure plate, combination
screw and dual .250” (6.35mm) quick connect, or
combination box lug and dual .250” (6.35mm) quick
connect. See Main Contact Terminal Options photo.
Coil: Combination 8-32 screw and .250” (6.35mm) quick connect.
Aux. Switch: .187” (4.75mm) quick connect.
Weight: 3 Pole Models: 25 oz. (709g) approximately.
4 Pole Models: 28 oz. (794g) approximately.
P30
1Ø2P
1.5HP
3HP
—
3Ø3P
3HP
7.5HP
7.5HP
P40
1Ø2P
2HP
5HP
—
3Ø3P
5HP
10HP
15HP
Motor Rating in Horsepower
Type
@ 120V
@ 240V
@ 440-600V
P30
30A
180A
150A
120A
40A
40A
P40
40A
240A
200A
160A
50A
50A
Motor Rating in Amps, 3Ø3P or 1Ø2P
Resistive
Tungsten
Type
Full Load
Locked Rotor
Rating
Rating
@ 600V
@ 240V
@480V
@ 600V
@ 600V
@277V
P30/P40 series
Definite Purpose Magnetic Contactor
30/40 Ampere Full Load
40/50 Ampere Resistive
AC & DC Coils
File E22575
File LR15734
12
20.8
9
15
577
24
84
18
30
286
48
334
36
57
144
120
2,110
90
144
57
24
24
20.4
120
110/120
94
240
208/240
177
277
277
236
AC Voltage
Nominal
Must Operate*
Rating
50/60 Hz.
50/60 Hz.
Nominal
Resistance
Must
Maximum
Nominal Coil
VDC
(Ohms ± 10%
Operate*
Operating
Current (ma) @
@ 25° C)
Volts
Volts
Nominal Voltage
DC Coil
AC Coil
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - P30

ManufacturerPart #DatasheetDescription
logo
Semikron International
P30 SEMIKRON-P30 Datasheet
127Kb / 3P
For stud devices
logo
Ferroxcube Internationa...
P30 FERROXCUBE-P30 Datasheet
88Kb / 9P
P cores and accessories
logo
TE Connectivity Ltd
P30 TEC-P30 Datasheet
97Kb / 3P
Definite Purpose Magnetic Contactor
logo
Amphenol Corporation
P30 AMPHENOL-P30 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
promoco-motors.com
P30 PROMOCO-P30 Datasheet
138Kb / 1P
High Performance DC-motor
More results

Similar Description - P30

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393132-0 MACOM-2-1393132-0 Datasheet
93Kb / 3P
Definite Purpose Magnetic Contactor
2-1393132-1 MACOM-2-1393132-1 Datasheet
99Kb / 3P
Definite Purpose Magnetic Contactor
2-1393132-3 MACOM-2-1393132-3 Datasheet
93Kb / 3P
Definite Purpose Magnetic Contactor
2-1393132-4 MACOM-2-1393132-4 Datasheet
93Kb / 3P
Definite Purpose Magnetic Contactor
2-1393132-5 MACOM-2-1393132-5 Datasheet
93Kb / 3P
Definite Purpose Magnetic Contactor
2-1393132-6 MACOM-2-1393132-6 Datasheet
93Kb / 3P
Definite Purpose Magnetic Contactor
logo
List of Unclassifed Man...
P40C42D12C1 ETC2-P40C42D12C1 Datasheet
97Kb / 3P
Definite Purpose Magnetic Contactor
logo
Tyco Electronics
P25-0505 MACOM-P25-0505 Datasheet
93Kb / 3P
Definite Purpose Magnetic Contactor
logo
TE Connectivity Ltd
P25 TEC-P25 Datasheet
93Kb / 3P
Definite Purpose Magnetic Contactor
P30 TEC-P30 Datasheet
97Kb / 3P
Definite Purpose Magnetic Contactor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com