Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P30 Datasheet(PDF) 3 Page - Tyco Electronics

Part # P30
Description  Definite Purpose Magnetic Contactor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

P30 Datasheet(HTML) 3 Page - Tyco Electronics

  P30 Datasheet HTML 1Page - Tyco Electronics P30 Datasheet HTML 2Page - Tyco Electronics P30 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
825
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 5-05)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Contact Replacement Kits
Contact replacement kits for 3 pole models include 3 contact pressure springs, 3 movable contact assemblies and 6 stationary contact assemblies. Kits for 4
pole models include 4 contact pressure springs, 4 movable contact assemblies and 8 stationary contact assemblies. Contact replacement kits are for use only
on those models with form X contact arrangements.
Main Contact Ordering and Replacement Information
Kits for P30 contactors:
3 Form X models - Kit No. 9P30X1
4 Form X models - Kit No. 9P30X2
Kits for P40 contactors:
3 Form X models - Kit No. 9P40X1
4 Form X models - Kit No. 9P40X2
To Replace Contacts:
1. Remove screws holding dust cover in place, and remove cover.
2. Compress and remove contact pressure springs.
3. Lift movable contacts and remove.
4. Remove screws holding stationary contact in place, and remove contacts.
5. Reverse the above procedure to install new stationary and movable contacts.
Caution: Do not overtighten the screws, as it is possible to strip the threads.
Outline Dimensions
Dual .250” (6.35mm)
Quick Connect 26A945
#10-32 UNF-2A X .375” (9.525mm)
Binder Terminal Screw 15S365
accepts the following
wire size: Solid, Single — 8 AWG
Code 3
#10-32 UNF-2A X .375” (9.525mm)
Binder Terminal Screw 15S365
accepts the following
wire size: Solid, Single — 8 AWG
Code 2
#10-32 UNF-2A X .500” (12.7mm)
Screw with Captive
Pressure Plate 15S362
Accepts the following wire sizes:
Solid, Single —22-8 AWG
Solid, Double —22-14 AWG
Stranded, Single —22-8 AWG
Stranded, Double —22-16 AWG
Code 5
Box Lug (Keyed) 24C540 with
15S361 & 15S364 Screws
Accepts the following wire sizes:
Solid, Single —14-4 AWG
Code 4
Dual .250” (6.35mm)
Quick Connect 26A945
Box Lug 9P30X3
Accepts the following wire sizes:
Solid, Single —14-4 AWG
Code 6
Contact Terminal Options
3.420 MAX.
(86.87)
3.550 MAX.
(90.17)
3.125
± .010
(79.38
± .25)
.21 TYP.
(5.3)
2.550
(64.77)
.25 TYP.
(8.4)
2.00
(50.8)
1.500
± .020
(38.10
± .51)
3.250
± .010
(82.55
± .25)
.5 DIA.
(12.7)
3.800 MAX.
(96.52)
3.350 MAX.
(85.09)
W/O SWITCH
3.600 MAX.
(91.44)
W/SWITCH
3.975 MAX.
(100.97)
3.550 MAX.
(90.17)
3 Pole Models
AC Coil
4 Pole Models
AC Coil
3.420 MAX.
(86.87)
3.550 MAX.
(90.17)
3.125
± .010
(79.38
± .25)
.21 TYP.
(5.3)
2.550
(64.77)
.25 TYP.
(6.4)
2.00
(50.8)
1.500
± .020
(38.10
± .51)
3.250
± .010
(82.55
± .25)
.5 DIA.
(12.7)
3.800 MAX.
(96.52)
2.650 MAX.
(67.31)
W/O SWITCH
3.25 MAX.
(82.55)
W/SWITCH
3.975 MAX.
(100.97)
3.550 MAX.
(90.17)
DC Coil
DC Coil



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com