Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WBC Datasheet(PDF) 1 Page - TT Electronics.

Part # WBC
Description  Discrete or tapped schematics
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WBC Datasheet(HTML) 1 Page - TT Electronics.

  WBC Datasheet HTML 1Page - TT Electronics. WBC Datasheet HTML 2Page - TT Electronics. WBC Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wire Bondable
Chip Resistors
WBC Series
Discreteortappedschematics
MILinspectionavailable
High resistor density
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
WBC Series Issue January 2009 Sheet 1 of 3
Wire Bondable
Chip Resistors
• Discrete or tapped schematics
• MIL inspection available
• High resistor density
WBC Series
IRC’s WBC series wire bondable chip resistors are ideally suited for
the most demanding hybrid application. The WBC combines IRC’s
TaNSil® tantalum nitride thin film technology with silicon substrate processing to produce an extremely small
footprint device with the proven stability, reliability and moisture performance of IRC’s TaNSil® resistor film.
Available in a wide range of tolerances and temperature coefficients to fit a variety of hybrid circuit applica-
tions. Custom resistance values, sizes and schematics are available on request from the factory.
Absolute Tolerance
to ±0.1%
Absolute TCR
to ±25ppm/°C
Package Power Rating
(@ 70°C)
250mW
Rated Operating Voltage
(not to exceed
P x R )
√
100V
Operating Temperature
-55°C to +150°C
Noise
<-30dB
Substrate Material
Oxidized Silicon
(10KÅ SiO
2 min)
Substrate Thickness
0.010˝ ±0.001
(0.254mm ±0.025)
Bond Pad
Metallization
Aluminum
10KÅ minimum
Gold
15KÅ minimum
Backside
R0202 and
T0303
Silicon
(Al / Au optional)
B0202
3KÅ Au minimum
10KÅ Al minimum
Passivation
Silicon Dioxide or
Silicon Nitride
0.020˝ ±0.001
(0.508mm ±0.025)
0.020˝ ±0.001
(0.508mm ±0.025)
0.030˝ ±0.001
(0.762mm ±0.025)
0.004˝ min bond pad size
0.004˝ min bond pad size
Back contact
Top contact
Physical Data
R0202 - Discrete
T0303 - Tapped network ½R + ½R
B0202 - Discrete back contact
Top contact
pad chamfered
R
R
½R
½R
0.004˝ min bond pad size
Electrical Data
Make Possible
Resistors
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)


Similar Part No. - WBC

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
WBC KGS-WBC Datasheet
381Kb / 1P
Snap-mount locking clamp to insert into wooden panel
WBC-0107 BK KGS-WBC-0107 BK Datasheet
381Kb / 1P
Snap-mount locking clamp to insert into wooden panel
WBC-1424 BK KGS-WBC-1424 BK Datasheet
381Kb / 1P
Snap-mount locking clamp to insert into wooden panel
logo
IRC - a TT electronics ...
WBC-B0202AG-01-1002-B IRCTT-WBC-B0202AG-01-1002-B Datasheet
381Kb / 3P
Wire Bondable Chip Resistors
WBC-B0202AG-01-1002-C IRCTT-WBC-B0202AG-01-1002-C Datasheet
381Kb / 3P
Wire Bondable Chip Resistors
More results

Similar Description - WBC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DFP14 VISHAY-DFP14 Datasheet
117Kb / 2P
Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
08-Sep-04
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
DFP14121K00GD05 VISHAY-DFP14121K00GD05 Datasheet
275Kb / 3P
Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
08-Sep-04
logo
List of Unclassifed Man...
561-L4.25 ETC2-561-L4.25 Datasheet
226Kb / 2P
HEX NYLON TAPPED SPACERS
logo
Silicon Laboratories
AN851 SILABS-AN851 Datasheet
1Mb / 25P
Si468X SCHEMATICS AND LAYOUT GUIDE
logo
TT Electronics.
M900 TTELEC-M900 Datasheet
407Kb / 3P
Custom circuit schematics available
logo
Schneider Electric
BMXDAI1602 SCHNEIDER-BMXDAI1602 Datasheet
248Kb / 6P
discrete input module X80 - 16 inputs - 24V AC/DC positive or negative
Apr 18, 2022
logo
Kendall Howard
3150-3-002-06 KENDALLHOWARD-3150-3-002-06 Datasheet
68Kb / 1P
6U LINIER TAPPED RAIL
3150-3-002-15 KENDALLHOWARD-3150-3-002-15 Datasheet
68Kb / 1P
15U LINIER TAPPED RAIL
3150-3-002-18 KENDALLHOWARD-3150-3-002-18 Datasheet
69Kb / 1P
18U LINIER TAPPED RAIL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com