Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WBC Datasheet(PDF) 2 Page - TT Electronics.

Part # WBC
Description  Discrete or tapped schematics
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

WBC Datasheet(HTML) 2 Page - TT Electronics.

  WBC Datasheet HTML 1Page - TT Electronics. WBC Datasheet HTML 2Page - TT Electronics. WBC Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wire Bondable
Chip Resistors
WBC Series
© IRC Advanced Film Division • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
WBC Series Issue January 2009 Sheet 2 of 3
Manufacturing Capabilities Data
Wire Bondable
Chip Resistors
Power Derating Data
Absolute TCR
Commercial
Code
MIL Inspection
Code*
±300ppm/°C
00
04
±100ppm/°C
01
05
±50ppm/°C
02
06
±25ppm/°C
03
07
TCR/Inspection Code Table
Resistance Range
Available Absolute
Tolerances
Available Ratio
Tolerances (T0303 only)
Best Absolute TCR
Tracking TCR
(T0303 only)
10Ω - 20Ω
G J K
F G J
±100ppm/°C
±50ppm/°C
21Ω - 50Ω
F G J K
F G J
±100ppm/°C
±50ppm/°C
51Ω - 100Ω
C D F G J K
C D F G J
±100ppm/°C
±25ppm/°C
101Ω - 200Ω
C D F G J K
C D F G J
±50ppm/°C
±10ppm/°C
201Ω - 500Ω
B C D F G J K
B C D F G J
±50ppm/°C
±5ppm/°C
501Ω - 999Ω
B C D F G J K
B C D F G J
±25ppm/°C
±2ppm/°C
1.0KΩ - 1.0MΩ
B C D F G J K
A B C D F G J
±25ppm/°C
±2ppm/°C
*Notes: Product supplied to Class H of MIL-PRF 38534 includes 100% visual inspection
ResistanceRange
Package
AvailableAbs
Tolerances
AvailableRatioTol
(T0303only)
BestAbsolute
TCR
TrackingTCR
(T0303only)
10Ω-20Ω
0202only
G J K
N/A
+-100ppm/C
N/A
21Ω-50Ω
0202and0303
F G J K
F G J
+-100ppm/C
+-50ppm/C
51Ω-100Ω
0202and0303
C D F G J K
C D F G J
+-100ppm/C
+-25ppm/C
101Ω-200Ω
0202and0303
C D F G J K
C D F G J
+-50ppm/C
+-10ppm/C
201Ω-500Ω
0202and0303
B C D F G J K
B C D F G J
+-50ppm/C
+-5ppm/C
501Ω-999Ω
0202and0303
B C D F G J K
B C D F G J
+-25ppm/C
+-2ppm/C
1.0KΩ-400KΩ
0202and0303
B C D F G J K
A B C D F G J
+-25ppm/C
+-2ppm/C
401KΩ-800KΩ
0303only
B C D F G J K
A B C D F G J
+-25ppm/C
+-2ppm/C
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com