Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED40W-013 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LED40W-013
Description  Switch Mode LED Drivers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED40W-013 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LED40W-013 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED40W-013 Datasheet HTML 2Page - List of Unclassifed Manufacturers LED40W-013 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Pg 3 of 3
SSL Solutions Faster Than The Speed Of Light®
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Notes:
1. D dimmable version comes with an extra two wires on the output side: +Purple/-Gray.
2. Compatible with most 0-10V dimmers. Recommended dimmer is Leviton IP710 or equivalent.
3. D & D3 dimmable versions are not intended to dim below about 5% @ 0V or 10% @ 1.0V.
4. Output will be 100% with Purple/Gray open and minimum with Purple/Gray Shorted.
Parameters
Minimum
Typical
Maximum
Source Current out of 0-10V Purple Wire
0 mA
—-
2 mA
Absolute Voltage Range on 0-10V (+) Yellow Wire
-2.0 V
—-
+15 V
Source Current out of Aux Yellow Wire
—-
—-
10mA
Dim (+) Purple
IP710 Wall Dimmer
“-D” Typical Dimming Circuit
LED40W-xxx-Cxxxx-D
Dim (-) Gray
“-D3” 3-Wire Dimming Circuit
LED40W-xxx-Cxxxx-D3
20K
Potentiometer
10V Output (Yellow)
0-10V Input (Purple)
Return (Gray)
(Dimmer must be current-sink type control)
“-D” and “-D3” Option: 0-10VDC and Resistance Dimming
0V
1V
2V
3V
4V
5V
6V
7V
8V
9V
10V
Purple-to-Gray Voltage (Vdc)
Output Current / 0-10VDC Dimming Control Voltage
0
10
20
30
40
50
60
70
80
90
100
LED40W Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com