Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED40W-013 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED40W-013
Description  Switch Mode LED Drivers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED40W-013 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED40W-013 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED40W-013 Datasheet HTML 2Page - List of Unclassifed Manufacturers LED40W-013 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
LED-40W Series– Fixed Output and Dimmable
Switch Mode LED Drivers
Constant Current & Constant Voltage with Isolation
Black Magic Thermal Advantage™ Plastic Housing
Ordering Options:
-D:
2-wire dimmable model dims 100% to 10%. Two extra wires included on the output side:
+Purple/-Gray. This model is offers 0-10V & Resistance dimming, compatible with most
quality 0-10V dimmers. See page 3.
-D3: 3-wire dimmable model dims 100% to 10%. Three extra wires included on the output side:
Yellow/Purple/Gray. This model is suitable for potentiometer dimming. See page 3.
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max)
Input Over-Voltage:
Can endure 320Vac for 48 Hrs, 350Vac for 2 Hrs
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ full load, 100V through 277V
Inrush Current:
<20.0 Amps max @ 230 Vac, cold start 25ºC
Input Current:
0.40 Amps max
Maximum Power:
40W
Current Accuracy:
± 1% Over input line variation
Load Regulation:
± 3%
THD:
<_ 20% @ full load
Leakage Current:
400 µA Typical
Hold Up Time:
Half Cycle
Output Protection:
Over-Voltage, Over-Current, and
Short Circuit Protection with Auto Recovery
Environmental Specifications
Maximum Case Temp.
90°C
Minimum Starting Temp: -30ºC
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
Sound Rating:
Class A
MTBF:
482,000 Hours at full load and 40ºC ambient conditions
per MIL-217F Notice 2
EMC:
FCC 47CFR Part 15 Class B compliant
Constant Current - Product Specifications
Model Number
Output Current
(mA ±5%)
Output Voltage
Range (Vdc)
Max Output
Power (W)
Max
Efficiency
LED40W-114-C0350-XX
350
38-114
40
87%
LED40W-100-C0400-XX
400
33-100
40
87%
LED40W-089-C0450-XX
450
30-89
40
87%
LED40W-054-C0700-XX
700
18-54
37.8
86%
LED40W-048-C0830-XX
830
16-48
40
86%
LED40W-045-C0900-XX
900
15-45
40
86%
LED40W-040-C1000-XX
1000
13-40
40
85%
LED40W-036-C1100-XX
1100
12-36
40
86%
LED40W-030-C1300-XX
1300
10-30
39.0
86%
LED40W-030-C1400-XX
1400
10-30
42
85%
LED40W-024-C1300-XX
1300
8-24
31.2
86%
LED40W-024-C1400-XX
1400
8-24
33.6
86%
LED40W-024-C1670-XX
1670
8-24
40
86%
LED40W-022-C1820-XX
1820
7-22
40
86%
LED40W-018-C2220-XX
2200
6-18
40
85%
LED40W-015-C2680-XX
2680
5-15
40
85%
LED40W-013-C3080-XX
3080
4-13
40
85%
LED40W-012-C3330-XX
3330
4-12
40
84%
LED40W-010-C4000-XX
4000
3-10
40
84%
LED40W-009-C4450-XX
4450
3-9
40
83%
Constant Voltage - Product Specifications
Model Number
Output Voltage
(Vdc ±5%)
Output Current
Range (mA)
Max Output
Power (W)
Max
Efficiency
LED40W-009
9
1113-4450
40
83%
LED40W-010
10
1000-4000
40
84%
LED40W-012
•
12
833-3330
40
84%
LED40W-013
13
770-3080
40
85%
LED40W-015
15
670-2680
40
85%
LED40W-018
18
550-2200
40
85%
LED40W-022
22
455-1820
40
86%
LED40W-024
•
24
418-1670
40
86%
LED40W-030
30
350-1400
42
85%
LED40W-036
36
275-1100
40
86%
LED40W-040
40
250-100
40
85%
LED40W-045
45
225-900
40
86%
LED40W-048
48
208-830
40
86%
LED40W-054
54
175-700
40
86%
LED40W-089
89
113-450
40
87%
LED40W-100
100
100-400
40
87%
LED40W-114
114
88-350
40
87%
Class 2:
US/Canada
-XX indicates dimming options are available. See options below. Blank = fixed current output
E332160
Sign Components Manual
Rev 10-13-16
• Total Power: 40 Watts
• Input Voltage: 100-277 Vac
• UL Dry & Damp Location Rated
• IP66 & NEMA4
• High Power Factor
• UL Sign Components
Manual (S.A.M. Models)
• IndicatesS.A.M.


Similar Part No. - LED40W-013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED40W-013-C3080-HL-XY-HV ETC2-LED40W-013-C3080-HL-XY-HV Datasheet
767Kb / 4P
Fixed Output and Dimmable Switch Mode LED Drivers
LED40W-013-C3080-XX-HV ETC2-LED40W-013-C3080-XX-HV Datasheet
762Kb / 4P
Switch Mode LED Drivers
LED40W-013-HL-X-HV ETC2-LED40W-013-HL-X-HV Datasheet
767Kb / 4P
Fixed Output and Dimmable Switch Mode LED Drivers
LED40W-013-HV ETC2-LED40W-013-HV Datasheet
762Kb / 4P
Switch Mode LED Drivers
More results

Similar Description - LED40W-013

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED-40W ETC2-LED-40W Datasheet
723Kb / 4P
Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
Switch Mode LED Drivers
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
Switch Mode LED Drivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com