Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT04X Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WT04X
Description  WA04P Chip Attenuator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WT04X Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WT04X Datasheet HTML 1Page - List of Unclassifed Manufacturers WT04X Datasheet HTML 2Page - List of Unclassifed Manufacturers WT04X Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
11
Chip Resistors
www.passivecomponent.com
WT04X Chip Resistor Network 10P8R
Description
The resistor array is constructed in a high grade ceramic body (aluminum oxide).
Internal metal electrodes are added at each end and connected by a resistive
paste that is applied to the top surface of the substrate. The composition of the
paste is adjusted to give the approximate resistance required and the value is
trimmed to within tolerance by laser cutting of this resistive layer.
The resistive layer is covered with a protective coat. Finally, the two external end
terminations are added. For ease of soldering the outer layer of these end
termination is Tin (Pb free) solder alloy.
Quick Reference Data
Item
General Specification
Series No.
WT04X
Size
0402x8 (1005x8)
Termination construction
Convex type
Resistance Tolerance
±5% (E24 series)
Resistance Range
10
~ 100K
TCR (ppm/
)
± 200
ppm/
Max. dissipation @ Tamb=70
1/16 W
Max. Operation Voltage (DC or RMS)
25V
Max. Overload Voltage (DC or RMS)
50V
Climatic category (IEC 60068)
55/155/56
Circuit Mode:
Resistor elements on pin1 ~ pin4, pin6 ~ pin9;
R1=R2=R3=R4=R6=R7=R8=R9
Note :
1. Power derating curve and detail specification please refer to specific data sheets.
Physical Dimensions:
Unit: mm
Symbol
L
3.30±0.20
W
1.60±0.15
T
0.55±0.10
P
0.64±0.05
A
0.50±0.05
B
0.40±0.15
C
0.40±0.15
G
0.40±0.15



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com