Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT04X Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WT04X
Description  WA04P Chip Attenuator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WT04X Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WT04X Datasheet HTML 1Page - List of Unclassifed Manufacturers WT04X Datasheet HTML 2Page - List of Unclassifed Manufacturers WT04X Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Chip Resistors
2
12
www.passivecomponent.com
Physical Dimensions:
Unit: mm
WA04P
L
1.00±0.10
W
1.00+0.10/-0
T
0.35±0.10
P
0.65±0.20
A
0.33±0.10
Ta
0.15±0.10
Tb
0.25±0.10
WA04P Chip Attenuator
Typical Application of Chip Attenuator
WA04
P
001
X
B
T
L
Size code
WA04: 0402
per element
Type code
P: convex,
type
attenuator
Attenuation Range
000 = 0dB
R05 = 0.5dB
001 = 1dB
R15 = 1,5dB
002 = 2dB
003 = 3dB
004 = 4dB
005 = 5dB
006 = 6dB
007 = 7dB
008 = 8dB
009 = 9dB
010 =10dB
011 = 11dB
012 = 12dB
013 = 13dB
014 = 14dB
015 = 15dB
016 = 16dB
017 = 17dB
018 = 18dB
019 = 19dB
020 = 20dB
Characteristic Impedance
X:50
Attenuation Tolerance
A :
0.1dB
B :
0.3dB
C :
0.4dB
D :
0.8dB
E :
1.0dB
F :
1.5dB
G :
2.0dB
H :
2.5dB
P :
-
Termination
T=7'' reel taped
Packaging
L=Sn base
(lead free)
type Attenuator (-6dB, 50W) for VSWR improvement and output frequency level matching on VCO application.
Quick Reference Data
Item
General Specification
Series No.
WA04P
Size
0402×2 (1005×2)
Termination construction
Convex type
Attenuation Range
0dB, 0.5dB ~ 20dB
Attenuation Tolerance
0dB
0.5dB
1dB~ 5dB
6dB~ 10dB
11dB~ 13dB
14dB
15dB~ 16dB
17dB~ 19dB
20dB
-
± 0.1dB
± 0.3dB
± 0.4dB
± 0.8dB
± 1.0dB
± 1.5dB
± 2.0dB
± 2.5dB
Characteristic impedance
50
Rated power at Tamb=70
0.1 W / package
Limiting Voltage (DC)
50V
Frequency range (DC)
MAX. 3 GHz
VSWR (Voltage Standing Wave Ratio)
MAX. 1.2
Number of Resistors
3 resistors
Number of Terminals
4 terminals
Climatic category (IEC 60068)
-40 ~ 125’C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com