Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTOB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RTOB
Description  precision resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTOB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RTOB Datasheet HTML 1Page - List of Unclassifed Manufacturers RTOB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISA-PLAN® - Präzisionswiderstände
precision resistors
Typ / type RTO-B
RHOPOINT COMPONENTS LTD.
Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX. Tel: +44 (0)1883 717988, Fax: +44 (0)1883 712938
Email: components@rhopoint.co.uk Website: www.rhopoint.co.uk/components/
Ausgabe / Issue : 31/10/2000
RTO-B -1 / 2
Technische Änderungen vorbehalten - technical modifications reserved
-40
-20
20
40
60
80
100
120
T [oC]
-0.4
-0.2
0.2
∆R/R
20 [%]
Temperaturabhängigkeit des elektrischen Widerstandes von
MANGANIN-Widerständen
temperature dependence of the electrical resistance of
MANGANIN-resistors
Lastminderungskurve für Widerstände montiert auf Kühlkörper
power derating for heatsink mounted resistors
0
20
40
60
80
100
120
Gehäusetemperatur T
G / [
oC]
case temperature T
G / [
oC]
0.25
0.5
0.75
1
P / P
Nom
Merkmale / features
• 30 Watt Dauerleistung
30 Watt permanent power
• Dauerströme bis 150 A ( 1 mOhm )
constant current up to 150 Amps ( 1 mOhm )
• Bauform SOT 227B ( ISOTOP ) kompatibel
outline SOT 227B ( ISOTOP ) compatible
• Vier-Leiter Messwiderstand
resistor with Kelvin connection
• Isolationsfestigkeit 2500 VAC
dielectric withstanding voltage 2500 VAC
• Pulsbelastbarkeit 20 J für t
P < 20 ms
pulse power 20 J for t
P < 20 ms
Bestellbezeichnung / ordering example
RTO-B-R001-1.0
Typ
type
Widerstandswert
resistance value
Toleranz
tolerance
RTO-B
1 mOhm
1 %
a
t
a
d
l
a
c
i
n
h
c
e
t
/
n
e
t
a
D
e
h
c
s
i
n
h
c
e
Ta
t
a
d
l
a
c
i
n
h
c
e
t
/
n
e
t
a
D
e
h
c
s
i
n
h
c
e
T
a
t
a
d
l
a
c
i
n
h
c
e
t
/
n
e
t
a
D
e
h
c
s
i
n
h
c
e
T
a
t
a
d
l
a
c
i
n
h
c
e
t
/
n
e
t
a
D
e
h
c
s
i
n
h
c
e
Ta
t
a
d
l
a
c
i
n
h
c
e
t
/
n
e
t
a
D
e
h
c
s
i
n
h
c
e
T
e
t
r
e
w
s
d
n
a
t
s
r
e
d
i
W
e
r
a
b
g
ü
f
r
e
V)
e
l
b
a
li
a
v
a
(
s
e
u
l
a
v
e
c
n
a
t
s
i
s
e
r
m
h
O
m
)
0
7
4
,
0
3
3
,
0
0
2
,
0
5
1
,
0
0
1
,
8
6
,
0
5
,
3
3
,
0
2
,
5
1
,
0
1
,
5
,
2
,
1
(
z
n
a
r
e
l
o
Te
c
n
a
r
e
l
o
t
%
5
,
%
1
t
n
e
i
z
i
f
f
e
o
k
r
u
t
a
r
e
p
m
e
T
)
m
h
O
m
0
2
>
R
(
)
r
c
t
(
t
n
e
i
c
i
f
f
e
o
c
e
r
u
t
a
r
e
p
m
e
t
)
m
h
O
m
0
2
>
R
(
)
C
°
0
6
-
C
°
0
2
(
K
/
m
p
p
0
5
±
<
h
c
i
e
r
e
b
r
u
t
a
r
e
p
m
e
Te
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
l
b
a
c
il
p
p
aC
°
5
2
1
+
s
i
b
C
°
5
5
-C
°
5
2
1
+
o
t
C
°
5
5
-
t
i
e
k
r
a
b
t
s
a
l
e
By
t
i
c
a
p
a
c
d
a
o
l
W
0
5
d
n
a
t
s
r
e
d
i
w
e
m
r
ä
W
r
e
r
e
n
n
Ie
c
n
a
t
s
i
s
e
r
t
a
e
h
l
a
n
r
e
t
n
iR
i
h
t
W
/
K
5
.
2
<
g
n
u
n
n
a
p
s
s
n
o
i
t
a
l
o
s
Ie
g
a
t
l
o
v
g
n
i
d
n
a
t
s
h
t
i
w
c
i
r
t
c
e
l
e
i
d
C
A
V
0
0
5
2
t
ä
t
i
v
i
t
k
u
d
n
Ie
c
n
a
t
c
u
d
n
im
h
O
m
0
1
<
R
r
ü
f
H
n
5m
h
O
m
0
1
<
R
r
o
f
H
n
5
t
s
a
l
n
n
e
N
r
e
t
n
u
t
ä
t
il
i
b
a
t
S)
d
a
o
l
l
a
n
i
m
o
n
(
y
t
il
i
b
a
t
sh
0
0
0
2
h
c
a
n
%
5
.
0
<
g
n
u
h
c
i
e
w
b
Ah
0
0
0
2
r
e
t
f
a
%
5
.
0
<
n
o
i
t
a
i
v
e
d


Similar Part No. - RTOB

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
RTO-0B07-001 DIALIGHT-RTO-0B07-001 Datasheet
197Kb / 2P
DuroSite Series LED Visual Signal Lights
RTO-0B07-004 DIALIGHT-RTO-0B07-004 Datasheet
197Kb / 2P
DuroSite Series LED Visual Signal Lights
RTO-0B07-005 DIALIGHT-RTO-0B07-005 Datasheet
197Kb / 2P
DuroSite Series LED Visual Signal Lights
RTO-0G07-001 DIALIGHT-RTO-0G07-001 Datasheet
197Kb / 2P
DuroSite Series LED Visual Signal Lights
RTO-0G07-004 DIALIGHT-RTO-0G07-004 Datasheet
197Kb / 2P
DuroSite Series LED Visual Signal Lights
More results

Similar Description - RTOB

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
logo
RHOPOINT COMPONENTS
A-H2 RHOPOINT-A-H2 Datasheet
68Kb / 2P
Precision Resistors
SMH-B-R010-1.0 RHOPOINT-SMH-B-R010-1.0 Datasheet
139Kb / 3P
Precision Resistors
logo
Isabellenhütte Heu...
BVB ISABELLENHUETTE-BVB Datasheet
1Mb / 4P
PRECISION RESISTORS
BVH ISABELLENHUETTE-BVH Datasheet
504Kb / 4P
Precision resistors
CMK ISABELLENHUETTE-CMK Datasheet
1Mb / 4P
Precision resistors
CMS ISABELLENHUETTE-CMS Datasheet
1Mb / 4P
Precision resistors
BVT ISABELLENHUETTE-BVT Datasheet
725Kb / 4P
Precision resistors
SMT ISABELLENHUETTE-SMT Datasheet
1Mb / 5P
Precision resistors
VLK ISABELLENHUETTE-VLK Datasheet
802Kb / 4P
PRECISION RESISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com