Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTOB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RTOB
Description  precision resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTOB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RTOB Datasheet HTML 1Page - List of Unclassifed Manufacturers RTOB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISA-PLAN® - Präzisionswiderstände
precision resistors
Typ / type RTO-B
RHOPOINT COMPONENTS LTD.
Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX. Tel: +44 (0)1883 717988, Fax: +44 (0)1883 712938
Email: components@rhopoint.co.uk Website: www.rhopoint.co.uk/components/
Ausgabe / Issue : 31/10/2000
RTO-B -2 / 2
Technische Änderungen vorbehalten - technical modifications reserved
Abmessungen ( mm )
dimensions ( mm )
Kontaktbelegung für RTO-B
pin designation for RTO-B
Nr / no
Kontakt / contact
1I
1
2I
2
3U
2
4U
1
3
2
1
4
Grenzwerte / Limits
dR/R
0 nach 1*10
6 Belastungszyklen: < 1 %
mittlere Pulsleistung < 1/10 P
0
dR/R
0 after 1*10
6 Pulse cycles: < 1 %
average pulsepower <1/10 P
0
pulse width
power [W]
100
10
1
0.1
0.01
0.001
1k
10k
0.01
0.1
1
10
100
1k
1
µs
10
µs
100
µs
1 ms
10 ms
100 ms
1 s
10 s
100 s
100k
RTO-B_L3 | 6.11.2000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com