Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 430
Description  4kV/8mm coil-contact, reinforced insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

430 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  430 Datasheet HTML 1Page - TE Connectivity Ltd 430 Datasheet HTML 2Page - TE Connectivity Ltd 430 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
Power Relays
Power Relay 430 3mm (Continued)
Dimensions
S0449-AD
Mounting brackets
DIN-rail mount
S0449-CK
Product code structure
Typical product code
0430
2
5
09
1
100
Type
0430 Power relay 430 3mm
Mounting
0
PCB version
2
Snap mounting
1
Mounting brackets
5
DIN-rail mounting
Contact design
4
Arc blowing magnet
5
Standard
Coil
Coil code: please refer to coil versions table
Contact material
0
AgCu 3
1
AgCdO
Version
100 Standard
Other types on request
Product code
Mounting
Cont. material
Cont.arrangement
Coil
Part number
0430 25 0911 00
Snap mounting
AgCdO
1 form A
DC coil
1-1415404-1
0430 25 1011 00
1.0mm plate
1 NO contact
1-1415404-3
0430 25 2811 00
AC coil
1-1415404-6



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com