Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

430 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 430
Description  4kV/8mm coil-contact, reinforced insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

430 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  430 Datasheet HTML 1Page - TE Connectivity Ltd 430 Datasheet HTML 2Page - TE Connectivity Ltd 430 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
Power Relays
n
1 pole 16A, 1 form A (NO) contact
n
Safety mains isolation
n
Contact gap >3mm
n
DC and AC coil
n
4kV/8mm coil-contact, reinforced insulation (VDE 0700)
n
PCB mounting or quick connect terminals
n
Mounting brackets or snap mounting
n
Version with arc blow magnet for high DC loads
n
Product in accordance to IEC 60335-1
Typical applications
Domestic appliances, industrial appliances, industrial controls
Approvals
VDE REG.-Nr. C820, UL E214024
Technical data of approved types on request
Contact Data
Contact arrangement
1 form A (NO)
Contact gap
>3mm
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
16A
Limiting making current, max 4 s, duty factor 10% 25A
Breaking capacity max.
4000VA
Contact material
AgCu3, AgCdO
Contact style
bifurcated contact
Frequency of operation, with/without load
900/18000h-1
Contact ratings
Type
Contact Load
Cycles
IEC 61810
0430 .4 .. 0
A (NO)
16A, 250VAC, cos
φ=1, 70°C
50x103
0430 .4 .. 1
A (NO)
16A, 250VAC, cos
φ=1, 70°C
50x103
Mechanical endurance
DC coil
>250x103 operations
AC coil
>250x103 operations
Coil Data
Coil voltage range
DC coil
6 to 110VDC
AC coil
6 to 240VAC
Operative range, IEC 61810
2
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
09
12
7.8
0.6
145
993
10
24
15.6
1.2
580
993
11
48
31.2
2.4
2200
1047
13
110
71.5
5.5
13000
931
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Coil versions, AC coil, 50Hz
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VAC
VAC
VAC
Ω±10%
VA
23
24
18
3.6
145
1.8
25
60
45
9
950
1.8
26
110
83
16
3100
1.8
27
230
175
35
11400
1.8
28
240
185
36
13000
1.8
All figures are given for coil without pre-energization, at ambient temperature +23°C, 50Hz.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
2000Vrms
between contact and coil
4000Vrms
Clearance/creepage
between contact and coil
≥8/8mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI250
Power Relay 430 3mm
F0256-B
Z
V


Similar Part No. - 430

ManufacturerPart #DatasheetDescription
logo
Littelfuse
430 LITTELFUSE-430 Datasheet
37Kb / 1P
Surface Mount Fuses - Thin-Film Surface Mount
logo
Tyco Electronics
430 MACOM-430 Datasheet
154Kb / 3P
Power Relay
430 MACOM-430 Datasheet
210Kb / 3P
Power Relay 430 3 mm
logo
Intel Corporation
430 INTEL-430 Datasheet
1Mb / 100P
Supporting the Intel Celeron processor
430 INTEL-430 Datasheet
1Mb / 71P
Celeron M Processor on 65 nm Process
More results

Similar Description - 430

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1101 XFMRS-1101 Datasheet
39Kb / 1P
PRI TRANSFORMERS Reinforced Insulation
logo
TE Connectivity Ltd
SRL7 TEC-SRL7 Datasheet
294Kb / 2P
Reinforced insulation between contact circuits
logo
MORNSUN Science& Techno...
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
Reinforced insulation
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
Reinforced insulation
logo
TE Connectivity Ltd
PCB-RT1 TEC-PCB-RT1 Datasheet
567Kb / 3P
5kV/10mm coil-contact, reinforced insulation
PCB-RZ TEC-PCB-RZ Datasheet
370Kb / 4P
5kV/10mm coil-contact, reinforced insulation
RT2 TEC-RT2 Datasheet
542Kb / 3P
5kV/10mm coil-contact, reinforced insulation
RTX TEC-RTX Datasheet
180Kb / 2P
Reinforced insulation
RZL TEC-RZL Datasheet
309Kb / 3P
5kV/10mm coil-contact, reinforced insulation
logo
HALO Electronics, Inc.
TGR01-3406V6LF HALO-TGR01-3406V6LF Datasheet
461Kb / 2P
SMD Reinforced Insulation Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com