Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR2-Z Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # SR2-Z
Description  2 pole relay with force guided contacts according to EN50205
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SR2-Z Datasheet(HTML) 2 Page - TE Connectivity Ltd

  SR2-Z Datasheet HTML 1Page - TE Connectivity Ltd SR2-Z Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-2012, Rev. 1012
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
Force Guided Relay on DIN-rail SR2 Z (Continued)
General Purpose Relays
Force Guided Relays
Terminal assignment
S0532-A
Module width 20 mm
Module length 87 mm
Dimensions
Fit onto mounting rails according to
DIN EN 60175
S0533-A
Product code structure
Typical product code
SR2Z
Y
024
Type
SR2Z Relay with force guided contacts on DIN-rail SR2 Z
Contact configuration
Y 2 form C (CO) contacts
Coil
DC Coil code = rated coil voltage (e.g. 024=24 VDC)
Other types on request
Product code
Type
Contact configuration
Coil
Part number
SR2ZY024
2-pole module
2 form C (CO) contacts
24VDC
9-1415536-1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com