Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR2-Z Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # SR2-Z
Description  2 pole relay with force guided contacts according to EN50205
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SR2-Z Datasheet(HTML) 1 Page - TE Connectivity Ltd

  SR2-Z Datasheet HTML 1Page - TE Connectivity Ltd SR2-Z Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10-2012, Rev. 1012
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
Force Guided Relays
n
2 pole relay with force guided contacts according to EN50205
n
DIN rail mounting
Typical applications
contact monitoring in railway, elevator and machine controls
Approvals
Relay SR2M: VDE, UL, TUV, CQC
Module SR2Z: CE
Technical data of approved types on request
Contact Data
Contact arrangement
2 form C (CO) contacts
According EN50205 only 1NO / 1NC (11-14 and 22-21 or 12-11 and
21-24) shall be used as force guided contacts.
Rated voltage
250VAC
Max. switching voltage
250VAC
Rated current
6A
Contact material
AgNi
Contact style
single contact, force guided
1 form A + B, 1 NO + 1NC
type A according to EN 50205
2 form C, 2CO
type B according to EN 50205
Min. recommended contact load
5V/10mA
Initial contact resistance
≤100mΩ at 1A, 24VDC
≤20Ω at 10mA, 5VDC
Frequency of operation, with/without load
6/300min-1
Contact ratings, IEC60947-5-1,
on 1 form A (NO) contact
AC15-3A
DC13-6A
Mechanical endurance
10x106 operations
Coil Data
Coil voltage range
24VDC
Operative range, % of rated coil voltage
90 to 110% of Urtd
Release voltage (+23°C)
10% of Urtd
Limiting voltage, % of rated coil voltage
110%
Max. coil power
700mW
Input circuit
LED
Insulation Data
Initial dielectric strength
between open contacts
1500Vrms
between contact and coil
4000Vrms
between adjacent contacts
2000Vrms
Clearance/creepage
between open contacts
microdisconnection
between contact and coil
≥8/8mm
between adjacent contacts
≥1/1mm
Insulation to EN 50178, type of insulation
between contact and coil
reinforced
between adjacent contacts
basic
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Ambient temperature range
for mounting/handling
0 to 40°C
in operation
-25 to 50°C
Terminal type
screwless clamp connectors
Wire cross section
solid wire
2.5mm2
stranded wire
2.5mm2
stranded wire with bootlace crimp
1.5mm2
Mounting position
any
Weight
50g
Packaging unit
2
Force Guided Relay on DIN-rail SR2 Z
F-SR2Z-A


Similar Part No. - SR2-Z

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
SR2-01100FZM AAC-SR2-01100FZM Datasheet
110Kb / 1P
CURRENT SHUNT RESISTORS
SR2-0160FZM AAC-SR2-0160FZM Datasheet
110Kb / 1P
CURRENT SHUNT RESISTORS
SR2-02100FZM AAC-SR2-02100FZM Datasheet
110Kb / 1P
CURRENT SHUNT RESISTORS
SR2-0260FZM AAC-SR2-0260FZM Datasheet
110Kb / 1P
CURRENT SHUNT RESISTORS
SR2-03100FZM AAC-SR2-03100FZM Datasheet
110Kb / 1P
CURRENT SHUNT RESISTORS
More results

Similar Description - SR2-Z

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393258-0 MACOM-2-1393258-0 Datasheet
612Kb / 3P
Force Guided Relay SR2M
2-1415012-1 MACOM-2-1415012-1 Datasheet
612Kb / 3P
Force Guided Relay SR2M
logo
TE Connectivity Ltd
SR2M TEC-SR2M Datasheet
339Kb / 3P
2 pole relay with force guided contacts according to EN 50205
SR4-D TEC-SR4-D Datasheet
311Kb / 3P
4 pole relay with force guided contacts according to EN 50205
SR6-A TEC-SR6-A Datasheet
394Kb / 3P
6 pole relay with force guided contacts according to EN 50205
SR6-Z TEC-SR6-Z Datasheet
506Kb / 2P
6 pole relay with force guided contacts according to EN50205
SR2 TEC-SR2 Datasheet
359Kb / 2P
2 pole relay with force guided contacts according to EN50205
SR6A TEC-SR6A Datasheet
373Kb / 3P
6 pole relay with force guided contacts according to EN 50205
SR6D TEC-SR6D Datasheet
334Kb / 2P
4 pole relay with force guided contacts according to EN 50205
SR6Z TEC-SR6Z Datasheet
506Kb / 2P
6 pole relay with force guided contacts according to EN50205
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com