Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE030012.. Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # RE030012..
Description  Optimized height 10.6mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RE030012.. Datasheet(HTML) 2 Page - TE Connectivity Ltd

  RE030012.. Datasheet HTML 1Page - TE Connectivity Ltd RE030012.. Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
05-2015, Rev. 0515
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Miniature PCB Relay RE (Continued)
Other Data
Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content
refer to the Product Compliance Support Center at
www.te.com/customersupport/rohssupportcenter
Resistance to heat and fire
according EN 60335, par.30
Ambient temperature
-40 to +70°C
-40 to +85°C at 4A
Category of environmental protection
IEC 61810
RTIII - wash tight
Vibration resistance (functional)
10g
Terminal type
PCB-THT
Resistance to soldering heat THT
IEC 60068-2-20
260°C/5s
Packaging/unit
tube/25 pcs.
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
Product code
Version
Contacts
Contact material
Coil
Part Number
RE030005
wash tight
1 form A
AgCdO
5VDC
1393217-1
RE030006
1 NO contact
6VDC
1393217-2
RE030012
12VDC
1393217-4
RE030024
24VDC
1393217-8
RE030048
48VDC
1-1393217-1
RE032005
AgNi 0.15
5VDC
1-1393217-9
RE032006
gold plated
6VDC
2-1393217-0
RE032012
12VDC
2-1393217-2
RE032024
24VDC
2-1393217-4
RE032048
48VDC
2-1393217-5
RE034005
AgNi 90/10
5VDC
2-1416010-3
RE034006
6VDC
2-1416010-4
RE034012
12VDC
2-1416010-6
RE034024
24VDC
2-1416010-7
RE034048
48VDC
2-1416010-8
Product code structure
Typical product code
RE
0
3
2
012
Type
RE Miniature PCB Relay RE
Version
0
Wash tight
Contact Configuration
A
form A (NO) contact
Contact material
1
AgNi 0.15
2
AgNi 0.15 gold plated
5
AgNi 90/10 gold plated
4
AgNi 90/10
0
AgCdO
6
AgCdO gold plated
Coil
Coil code: please refer to coil versions table



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com