Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE030012.. Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # RE030012..
Description  Optimized height 10.6mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RE030012.. Datasheet(HTML) 1 Page - TE Connectivity Ltd

  RE030012.. Datasheet HTML 1Page - TE Connectivity Ltd RE030012.. Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
05-2015, Rev. 0515
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
Miniature PCB Relay RE
n
1 pole 6 A, 1 form A (NO) contact
n
Sensitive coil 200 mW
n
4 kV coil-contact
n
Optimized height 10.6mm
n
PCB area 200mm2
n
Wash tight
n
Product in accordance to IEC 60335-1 (domestic appliances)
Typical applications
PLC’s, timers, temperature control, I/O cards, white goods.
Approvals
VDE Cert. No. 40010578, UL E214025
Technical data of approved types on request.
Contact Data
Contact arrangement
1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
6A
Limiting making current, max 4s, duty factor 10%
15A
Breaking capacity max.
1500VA
Contact material
AgCdO, AgNi 0.15, AgNi 90/10
Frequency of operation, with/without load
360/72000 ops./h
Operate/release time max.
10/5ms
Bounce time max.
4ms
Contact ratings
Type
Contact Load
Cycles
IEC 61810
RE030
A (NO)
6A, 250VAC, cos
φ=1, 70°C
100x103
RE034
A (NO)
6A, 250VAC, cos
φ=1, 70°C
100x103
UL 508
RE030
A (NO)
1/4 hp, 240VAC, motor 40°C
30x103
RE030
A (NO)
B300 pilot duty 40°C
6x103
RE034
A (NO)
6A, 250VAC,general purpose, 70°C
100x103
RE034
A (NO)
B300 pilot duty 40°C
6x103
Mechanical endurance
>30x106 ops.
Z
Coil Data
Coil voltage range
5 to 48 VDC
Operative range, IEC 61810
2
Coil insulation system according UL1446
F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%1)
mW
5
5
3.5
0.5
125
200
6
6
4.2
0.6
180
200
12
12
8.4
1.2
720
200
18
18
12.6
1.8
1620
200
24
24
16.8
2.4
28801)
200
48
48
33.6
4.8
115201)
200
1)
Coil resistance ±15%.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000V
rms
between contact and coil
4000V
rms
Initial insulation resistance
open contact circuit
>10x109Ω
coil-contact circuit
>10x109Ω
Clearance/creepage
between contact and coil
≥4/4mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI250V


Similar Part No. - RE030012..

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RE030012 MACOM-RE030012 Datasheet
142Kb / 2P
Miniature PCB Relay
RE030012 MACOM-RE030012 Datasheet
147Kb / 2P
Miniature PCB Relay RE
More results

Similar Description - RE030012..

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
206-4LPST CTS-206-4LPST Datasheet
339Kb / 4P
Optimized Mechanical Features
logo
List of Unclassifed Man...
S7067 ETC2-S7067 Datasheet
937Kb / 2P
DUAL-SOCKET RACK-OPTIMIZED RACK-OPTIMIZED
logo
ON Semiconductor
NSR05F30QNXT5G ONSEMI-NSR05F30QNXT5G Datasheet
201Kb / 6P
Schottky Diode Optimized
February, 2013 ??Rev. P0
NSR10F30QNXT5G ONSEMI-NSR10F30QNXT5G Datasheet
260Kb / 6P
Schottky Diode Optimized
March, 2013 ??Rev. 0
NSR10F40QNXT5G ONSEMI-NSR10F40QNXT5G Datasheet
262Kb / 6P
Schottky Diode Optimized
March, 2013 ??Rev. 0
NSR20F30QNXT5G ONSEMI-NSR20F30QNXT5G Datasheet
259Kb / 6P
Schottky Diode Optimized
March, 2013 ??Rev. 0
logo
Abracon Corporation
AX7 ABRACON-AX7 Datasheet
5Mb / 8P
CLEARCLOCK POWER OPTIMIZED
06.06.2018
logo
Huber+Suhner, Inc.
24-___VJSNH-___14C HUBERSUHNER-24-___VJSNH-___14C Datasheet
351Kb / 3P
Breakout 24 x 1.4mm LSFH Ø 10.6mm Cca
72-___BQSN_ZNG_H-___106D HUBERSUHNER-72-___BQSN_ZNG_H-___106D Datasheet
323Kb / 3P
Dry Loose Tube Glass-Armoured 6x2.2mm LSFH Ø 10.6mm Dca
72-___BWSN_ZNG_H-__106 HUBERSUHNER-72-___BWSN_ZNG_H-__106 Datasheet
257Kb / 2P
Loose Tube Glass-Armoured 6x2.2mm LSFH Ø 10.6mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com