Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000-CP Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS2000-CP
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000-CP Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS2000-CP Datasheet HTML 23Page - Cirrus Logic CS2000-CP Datasheet HTML 24Page - Cirrus Logic CS2000-CP Datasheet HTML 25Page - Cirrus Logic CS2000-CP Datasheet HTML 26Page - Cirrus Logic CS2000-CP Datasheet HTML 27Page - Cirrus Logic CS2000-CP Datasheet HTML 28Page - Cirrus Logic CS2000-CP Datasheet HTML 29Page - Cirrus Logic CS2000-CP Datasheet HTML 30Page - Cirrus Logic CS2000-CP Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
CS2000-CP
DS761F3
27
6.3
Memory Address Pointer
The Memory Address Pointer (MAP) byte comes after the address byte and selects the register to be read
or written. Refer to the pseudocode above for implementation details.
6.3.1
Map Auto Increment
The device has MAP auto increment capability enabled by the INCR bit (the MSB) of the MAP. If INCR is
set to 0, MAP will stay constant for successive I²C writes or reads and SPI writes. If INCR is set to 1, MAP
will auto increment after each byte is read or written, allowing block reads or writes of successive regis-
ters.
7. REGISTER QUICK REFERENCE
This table shows the register and bit names with their associated default values.
EnDevCfg1 and EnDevCfg2 bits must be set to 1 for normal operation.
WARNING: All “Reserved” registers must maintain their default state to ensure proper functional operation.
Adr
Name
7
6
5
4
3
2
1
0
01h
Device ID
Device4
Device3
Device2
Device1
Device0
Revision2
Revision1
Revision0
p28
0000
0
x
x
x
02h
Device Ctrl
Unlock
Reserved
Reserved
Reserved
Reserved
Reserved
AuxOutDis
ClkOutDis
p28
xxx
0
0
0
0
0
03h
Device Cfg 1 RModSel2
RModSel1
RModSel0
RSel1
RSel0
AuxOutSrc1 AuxOutSrc0 EnDevCfg1
p29
0000
0
0
0
0
04h
Device Cfg 2
Reserved
Reserved
Reserved
Reserved
Reserved
LockClk1
LockClk0
FracNSrc
p30
0000
0
0
0
0
05h
Global Cfg
Reserved
Reserved
Reserved
Reserved
Freeze
Reserved
Reserved
EnDevCfg2
p30
0000
0
0
0
0
06h
-
09h
32-Bit
Ratio 0
MSB
...........................................................................................................................
MSB-7
MSB-8
...........................................................................................................................
MSB-15
LSB+15
...........................................................................................................................
LSB+8
LSB+7
...........................................................................................................................LSB
0Ah
-
0Dh
32-Bit
Ratio 1
MSB
...........................................................................................................................
MSB-7
MSB-8
...........................................................................................................................
MSB-15
LSB+15
...........................................................................................................................
LSB+8
LSB+7
...........................................................................................................................LSB
0Eh
-
11h
32-Bit
Ratio 2
MSB
...........................................................................................................................
MSB-7
MSB-8
...........................................................................................................................
MSB-15
LSB+15
...........................................................................................................................
LSB+8
LSB+7
...........................................................................................................................LSB
12h
-
15h
32-Bit
Ratio 3
MSB
...........................................................................................................................
MSB-7
MSB-8
...........................................................................................................................
MSB-15
LSB+15
...........................................................................................................................
LSB+8
LSB+7
...........................................................................................................................LSB
16h
Funct Cfg 1
ClkSkipEn AuxLockCfg Reserved
RefClkDiv1 RefClkDiv0
Reserved
Reserved
Reserved
p31
0000
0
0
0
0
17h
Funct Cfg 2
Reserved
Reserved
Reserved
ClkOutUnl LFRatioCfg
Reserved
Reserved
Reserved
p32
0000
0
0
0
0
1Eh
Funct Cfg 3
Reserved
ClkIn_BW2 ClkIn_BW1 ClkIn_BW0
Reserved
Reserved
Reserved
Reserved
p32
0000
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com