Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2000-CP Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS2000-CP
Description  Fractional-N Clock Synthesizer & Clock Multiplier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS2000-CP Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS2000-CP Datasheet HTML 29Page - Cirrus Logic CS2000-CP Datasheet HTML 30Page - Cirrus Logic CS2000-CP Datasheet HTML 31Page - Cirrus Logic CS2000-CP Datasheet HTML 32Page - Cirrus Logic CS2000-CP Datasheet HTML 33Page - Cirrus Logic CS2000-CP Datasheet HTML 34Page - Cirrus Logic CS2000-CP Datasheet HTML 35Page - Cirrus Logic CS2000-CP Datasheet HTML 36Page - Cirrus Logic CS2000-CP Datasheet HTML 37Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
CS2000-CP
36
DS761F3
11.ORDERING INFORMATION
12.REFERENCES
1. Audio Engineering Society AES-12id-2006: “AES Information Document for digital audio measurements -
Jitter performance specifications,” May 2007.
2. NXP Semiconductors, “The I²C-Bus Specification: Version 2.1,” January 2000.
http://www.nxp.com
Product
Description
Package
Pb-Free
Grade
Temp Range Container
Order#
CS2000-CP
Clocking
Device
10L-MSOP
Yes
Commercial
-10° to +70°C
Rail
CS2000CP-CZZ
CS2000-CP
Clocking
Device
10L-MSOP
Yes
-10° to +70°C
Tape and
Reel
CS2000CP-CZZR
CS2000-CP
Clocking
Device
10L-MSOP
Yes
Automotive-D
-40° to +85°C
Rail
CS2000CP-DZZ
CS2000-CP
Clocking
Device
10L-MSOP
Yes
-40° to +85°C
Tape and
Reel
CS2000CP-DZZR
CS2000-CP
Clocking
Device
10L-MSOP
Yes
Automotive-E
-40° to +105°C
Rail
CS2000CP-EZZ
CS2000-CP
Clocking
Device
10L-MSOP
Yes
-40° to +105°C
Tape and
Reel
CS2000CP-EZZR
CDK2000
Evaluation
Platform
-
Yes
-
-
-
CDK2000-CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com