Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD122 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJD122
Description  Complementary Darlington Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD122 Datasheet(HTML) 2 Page - ON Semiconductor

  MJD122 Datasheet HTML 1Page - ON Semiconductor MJD122 Datasheet HTML 2Page - ON Semiconductor MJD122 Datasheet HTML 3Page - ON Semiconductor MJD122 Datasheet HTML 4Page - ON Semiconductor MJD122 Datasheet HTML 5Page - ON Semiconductor MJD122 Datasheet HTML 6Page - ON Semiconductor MJD122 Datasheet HTML 7Page - ON Semiconductor MJD122 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MJD122, NJVMJD122 (NPN), MJD127, NJVMJD127 (PNP)
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
100
Vdc
Collector−Base Voltage
VCB
100
Vdc
Emitter−Base Voltage
VEB
5
Vdc
Collector Current
Continuous
Peak
IC
8
16
Adc
Base Current
IB
120
mAdc
Total Power Dissipation
@ TC = 25°C
Derate above 25
°C
PD
20
0.16
W
W/
°C
Total Power Dissipation (Note 1)
@ TA = 25°C
Derate above 25
°C
PD
1.75
0.014
W
W/
°C
Operating and Storage Junction Temperature Range
TJ, Tstg
−65 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
6.25
°C/W
Thermal Resistance,
Junction−to−Ambient (Note1)
RqJA
71.4
°C/W
1. These ratings are applicable when surface mounted on the minimum pad sizes recommended.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com